Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC118IRTCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DDC118IRTCR
Description  Octal Current Input, 20-Bit Analog-To-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC118IRTCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DDC118IRTCR Datasheet HTML 2Page - Texas Instruments DDC118IRTCR Datasheet HTML 3Page - Texas Instruments DDC118IRTCR Datasheet HTML 4Page - Texas Instruments DDC118IRTCR Datasheet HTML 5Page - Texas Instruments DDC118IRTCR Datasheet HTML 6Page - Texas Instruments DDC118IRTCR Datasheet HTML 7Page - Texas Instruments DDC118IRTCR Datasheet HTML 8Page - Texas Instruments DDC118IRTCR Datasheet HTML 9Page - Texas Instruments DDC118IRTCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
DDC118
SBAS325B − JUNE 2004 − REVISED APRIL 2009
www.ti.com
6
TYPICAL CHARACTERISTICS
At TA = +25°C, characterization done with Range 5 (250pC), AVDD = +5V, DVDD = 3V, VREF = +4.096V, and Low-Power Mode: TINT = 400µs and CLK = 4MHz,
unless otherwise noted.
NOISE vs C
SENSOR
100
400
0
500
300
200
C
SENSOR (pF)
45
40
35
30
25
20
15
10
5
0
Range 1
Range 2
Range 7
NOISE vs T
INT
1
1000
0.1
100
10
T
INT (ms)
0
1
2
3
4
5
6
C
SENSOR = 50pF
C
SENSOR =0pF
Range 5
NOISE vs TEMPERATURE
14
12
10
8
6
4
2
0
−40
−15
10
35
60
85
Temperature (
_C)
C
SENSOR =50pF
Range 1
Range 3
Range 2
Range 7
NOISE vs C
SENSOR
Noise (ppm of FSR, rms)
C
SENSOR
(pF)
0
24
50
75
100
150
200
300
500
Range
0
23.6
30.8
36.3
41.3
46.1
57.0
68.1
89.3
134.0
Range
1
7.3
10.4
12.3
14.4
16.0
18.8
21.7
27.7
38.9
Range
2
5.2
6.7
8.2
8.9
10.0
11.9
13.5
16.3
22.4
Range
3
4.4
5.5
6.5
7.2
8.0
9.2
10.2
12.5
16.6
Range
4
4.2
4.9
5.6
6.0
6.7
7.8
8.6
10.6
13.5
Range
5
4.0
4.5
5.1
5.4
5.9
6.8
7.6
9.0
11.7
Range
6
3.8
4.3
4.8
5.1
5.4
6.1
6.8
8.1
10.4
Range
7
3.7
4.1
4.4
4.7
5.0
5.7
6.4
7.4
9.5
NOISE vs INPUT LEVEL
20
30
10
80
0
100
60
70
90
40
50
Input Level (% of Full−Scale)
8
7
6
5
4
3
2
1
0
C
SENSOR = 50pF
C
SENSOR = 0pF
Range 5
RANGE DRIFT vs TEMPERATURE
−40
−15
10
35
60
85
Temperature (
_C)
2000
1500
1000
500
0
−500
−1000
−1500
−2000
All Ranges


Similar Part No. - DDC118IRTCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC118IRTCR BURR-BROWN-DDC118IRTCR Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
More results

Similar Description - DDC118IRTCR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC114 TI1-DDC114_14 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
logo
Burr-Brown (TI)
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
   Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112 TI1-DDC112_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com