Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7734EBG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7734EBG4
Description  16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7734EBG4 Datasheet(HTML) 2 Page - Texas Instruments

  DAC7734EBG4 Datasheet HTML 1Page - Texas Instruments DAC7734EBG4 Datasheet HTML 2Page - Texas Instruments DAC7734EBG4 Datasheet HTML 3Page - Texas Instruments DAC7734EBG4 Datasheet HTML 4Page - Texas Instruments DAC7734EBG4 Datasheet HTML 5Page - Texas Instruments DAC7734EBG4 Datasheet HTML 6Page - Texas Instruments DAC7734EBG4 Datasheet HTML 7Page - Texas Instruments DAC7734EBG4 Datasheet HTML 8Page - Texas Instruments DAC7734EBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
DAC7734
2
SBAS138A
www.ti.com
DAC7734E
DAC7734EB
DAC7734EC
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error (INL)
T = 25
°C
±3
±2LSB
TMIN to TMAX
±4
±3LSB
Linearity Match
±4
±2LSB
Differential Linearity Error (DNL)
T = 25
°C
±3
±2
±1LSB
TMIN to TMAX
±3
±2
±1LSB
Monotonicity, TMIN to TMAX
14
15
16
Bits
Bipolar Zero Error
T = 25
°C
±0.01
±0.025
✻✻
% of FSR
Bipolar Zero Error, TMIN to TMAX
±0.05
✻✻
% of FSR
Full-Scale Error
T = 25
°C
±0.025
✻✻
% of FSR
Full-Scale Error, TMIN to TMAX
±0.05
✻✻
% of FSR
Bipolar Zero Matching
Channel-to-Channel
±0.024
✻✻
% of FSR
Matching
Full-Scale Matching
Channel-to-Channel
±0.024
✻✻
% of FSR
Matching
Power Supply Rejection Ratio (PSRR)
At Full Scale
25
✻✻
ppm/V
ANALOG OUTPUT
Voltage Output
VREFLVREFH
✻✻
V
Output Current
±5
✻✻
mA
Maximum Load Capacitance
500
✻✻
pF
Short-Circuit Current
±20
✻✻
mA
Short-Circuit Duration
To VSS, VCC or GND
Indefinite
✻✻
REFERENCE INPUT
Ref High Input Voltage Range
VREFL + 1.25
+10
✻✻
V
Ref Low Input Voltage Range
–10
VREFH – 1.25
✻✻
V
Ref High Input Current
–0.3
2.6
✻✻
mA
Ref Low Input Current
–3.2
–0.3
✻✻
mA
DYNAMIC PERFORMANCE
Settling Time
To
±0.003%, 20V
9
11
✻✻
µs
Output Step
Channel-to-Channel Crosstalk
See Figure 5
0.5
✻✻
LSB
Digital Feedthrough
2
✻✻
nV-s
Output Noise Voltage
f = 10kHz
60
✻✻
nV/
√Hz
DIGITAL INPUT
VIH
0.7 • VDD
VDD
✻✻
V
VIL
0
0.3 • VDD
V
IIH
±10
µA
IIL
±10
µA
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
4.5
✻✻
✻✻
V
VOL
IOL = 1.6mA
0.3
0.4
✻✻
V
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
✻✻✻
✻✻
V
VCC
+14.25
+15.0
+15.75
✻✻✻
✻✻
V
VSS
–14.25
–15.0
–15.75
✻✻✻
✻✻
V
IDD
50
✻✻
µA
ICC
6
✻✻
mA
ISS
–5
✻✻
mA
Power
170
200
✻✻
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as grade to the left.
SPECIFICATIONS (Dual Supply)
At TA = TMIN to TMAX, VCC = +15V, VDD = +5V, VSS = –15V, VREFH = +10V, and VREFL = –10V, unless otherwise noted.


Similar Part No. - DAC7734EBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734EB BURR-BROWN-DAC7734EB Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7734EBG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
[Old version datasheet]   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
[Old version datasheet]   16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com