Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCR011203P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DCR011203P
Description  1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCR011203P Datasheet(HTML) 8 Page - Texas Instruments

Back Button DCR011203P Datasheet HTML 4Page - Texas Instruments DCR011203P Datasheet HTML 5Page - Texas Instruments DCR011203P Datasheet HTML 6Page - Texas Instruments DCR011203P Datasheet HTML 7Page - Texas Instruments DCR011203P Datasheet HTML 8Page - Texas Instruments DCR011203P Datasheet HTML 9Page - Texas Instruments DCR011203P Datasheet HTML 10Page - Texas Instruments DCR011203P Datasheet HTML 11Page - Texas Instruments DCR011203P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Load (%)
120.0
100.0
80.0
60.0
40.0
20.0
0
20
40
60
80
100
0
60.0
50.0
40.0
30.0
20.0
10.0
0
0%
20%
40%
60%
80%
100%
Load%
Load (%)
30.0
25.0
20.0
15.0
10.0
5.0
0
20
40
60
80
100
0
Load (%)
80
70
60
50
40
30
20
10
0
20
40
60
80
100
0
8
DCR010503, DCR012405, DCR010505
DCR011203, DCR011205, DCR012403
SBVS013D – OCTOBER 2001 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DCR010503 DCR012405 DCR010505 DCR011203 DCR011205 DCR012403
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, +VS = nominal, IO = 10 mA, CIN = 2.2 µF, CFILTER = 1 µF, COUT = 0.1 µF, (unless otherwise noted)
DCR011203P
20-MHz Bandwidth
DCR012403P
Figure 7. Output Voltage Ripple
All 5-V Input Devices
100-MHz Bandwidth
Figure 8. Output Voltage Noise
DCR011203P
100-MHz Bandwidth
Figure 9. Output Voltage Noise
DCR011205P
100-MHz Bandwidth
Figure 10. Output Voltage Noise
All 5-V Output Devices
Figure 11. 5-V Output Load Regulation
All 3.3-V output devices except DCR010503P
Figure 12. 3.3-V Output Load Regulation


Similar Part No. - DCR011203P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR011203P BURR-BROWN-DCR011203P Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR011203P BURR-BROWN-DCR011203P Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR011203P TI1-DCR011203P Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR011203P

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Power Systems GmbH+Co.K...
PRS-0505C POWER-SYSTEMS-PRS-0505C Datasheet
164Kb / 4P
   DC-DC Converter UNIT 1 W REGULATED DC-DC CONVERTER
logo
Vicor Corporation
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ_17 Datasheet
3Mb / 22P
   Isolated, Regulated DC Converter
DCM3623X36G26C2YZZ VICOR-DCM3623X36G26C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X36G40C2YZZ VICOR-DCM3623X36G40C2YZZ_17 Datasheet
2Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M04A2Y7Z VICOR-DCM3623X50M04A2Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
DCM3623X50M06A8Y7Z VICOR-DCM3623X50M06A8Y7Z Datasheet
2Mb / 23P
   Isolated, Regulated DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com