Electronic Components Datasheet Search |
|
DM388AAAR21F Datasheet(PDF) 8 Page - Texas Instruments |
|
|
DM388AAAR21F Datasheet(HTML) 8 Page - Texas Instruments |
8 / 281 page DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com 2 Device Overview 2.1 Device Comparison Table 2-1 shows a comparison between devices, highlighting the differences. Table 2-1. Device Comparison DEVICE FEATURE DM385 DM388 Noise Filtering Engine NO YES 2.2 Device Characteristics Table 2-2 provides an overview of the DM385 and DM388 DaVinci™ Digital Media Processors,, which includes significant features of the device, including the capacity of on-chip RAM, peripherals, and the package type with pin count. Table 2-2. Characteristics of the Processor HARDWARE FEATURES DM385/DM388 1 16-/24-bit HD Capture Port or 2 8-bit SD Capture Ports and 1 8/16/24-bit HD Input Port and 1 8-bit SD Input Port and HD Video Processing Subsystem (HDVPSS) 1 16-/24-/30-bit HD Display Port or 1 HDMI 1.3 Transmitter and 1 16-/24-bit HD Display Port and 1 SD Video DAC and 3 HD Video DACs 1 Parallel Camera Input for Raw (up to 16- bit) Imaging Subsystem (ISS) and BT.656/BT.1120 (8/16-bit) and 1 CSI2 Serial Input DDR2/3 Memory Controller 16-/32-bit Bus Width Asynchronous (8-/16-bit bus width) GPMC + ELM RAM, NOR, NAND 64 Independent Channels EDMA 8 QDMA Channels 10/100/1000 Ethernet MAC Switch with Management Data 1 (with 2 MII/RMII/GMII/RGMII) Input/Output (MDIO) 2 (Supports High- and Full-Speed as a Peripherals USB 2.0 Device and High-, Full-, and Low-Speed as a Host) PCI Express 2.0 1 Port (5.0 GT/s lane) Not all peripherals pins are available at 8 (32-bit General purpose) the same time (for Timers and more details, see the 1 (System Watchdog) Device Configurations section). 3 (with SIR, MIR, FIR, CIR support and UART RTS/CTS flow control) (UART0 Supports Modem Interface) SPI 4 (Each supporting up to 4 slave devices) 8 Device Overview Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |
Similar Part No. - DM388AAAR21F |
|
Similar Description - DM388AAAR21F |