Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83257 Datasheet(PDF) 9 Page - Texas Instruments

Part # DP83257
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83257 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP83257 Datasheet HTML 5Page - Texas Instruments DP83257 Datasheet HTML 6Page - Texas Instruments DP83257 Datasheet HTML 7Page - Texas Instruments DP83257 Datasheet HTML 8Page - Texas Instruments DP83257 Datasheet HTML 9Page - Texas Instruments DP83257 Datasheet HTML 10Page - Texas Instruments DP83257 Datasheet HTML 11Page - Texas Instruments DP83257 Datasheet HTML 12Page - Texas Instruments DP83257 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 146 page
background image
30 Functional Description (Continued)
Since the loop gain is held constant regardless of the in-
coming signal edge density PLL characteristics such as jit-
ter acquisition rate locking range etc are deterministic and
show minimal spread under various operating environments
The phase error processor also automatically puts the loop
in open-loop-mode when the incoming data stream contains
abnormal low edge rates When the PLL is in open-loop-
mode no update is made to the PLL’s filter variables in the
filter block The PLL can then use the pretrained frequency
and phase contents to perform data recovery Since the
loop is implemented digitally these values (the frequency
and phase variables) are retained The resolution of the fre-
quency variable is about 13 ppm of the incoming frequency
The resolution of the phase variable is about 40 ps
DIGITAL LOOP FILTER
The digital loop filter emulates a 1-pole 1-zero filter and
uses an automatic acquisition speed control circuit to dy-
namically adjust loop parameters
The digital loop filter takes the phase error indicator signals
Data Valid and UpDown from the Phase Error processor
and accumulates errors over a few cycles before passing on
the Data Valid and UpDown signals to the Phase Error to
Frequency converter
The filter has 4 sets of bandwidth and damping parameters
which are switched dynamically by an acquisition control
circuit The input Signal Detect (SD) starts the sequence
and thereafter no user programming is required to finish
the sequence
At the completion of the locking sequence the loop has the
narrowest bandwidth such that the loop produces minimal
recovered clock jitter The PLL can track an incoming fre-
quency offset of approximately g200 ppm After the acqui-
sition sequence the equivalent natural frequency of the
loop is reduced to about 7 kHz (g56 ppm) of frequency
offset
The automatic tracking mechanism allows the loop to quick-
ly lock onto the initial data stream for data recovery (typical-
ly less than 10 ms) and yet produce very little recovered
clock jitter
PHASE ERROR TO FREQUENCY CONVERTER (O –F)
The Phase Error to Frequency Converter takes the Data
Valid and UpDown signals modified by the Digital Loop
Filter and converts them to triangle waves The frequency of
the triangle waves is then used to control the Frequency
Controlled Oscillator’s (FCO) 250 MHz oscillations
Each valid Up or Down signal causes a partial 7-bit counter
(using only 96 counts) to increment or decrement at the
O
– F converter’s clock rate of 15625 MHz (250 MHz16)
When the Data Valid signal is not asserted the counter
holds count
The counter value is used to produce 3 triangle waves that
are offset in phase by 120 degrees This is done with a
special Pulse Density Modulator waveform synthesizer
which takes the place of a traditional Digital-Analog convert-
er The frequency of the triangle waves tells the Frequency
Controlled Oscillator how much to adjust oscillation The
phase relationships (leading or lagging) between the 3 sig-
nals indicates the direction of change
The minimum frequency of the triangle waves is 0 and cor-
responds to the case when the PLL is in perfect lock with
the incoming signal
The maximum frequency that the O – F converter can pro-
duce determines the locking range of the PLL In this case
the maximum frequency of each triangle wave is 16276
kHz which is produced when the O – F converter gets a
continuous count in one direction that is valid every O –F
converter clock cycle of 15625 MHz (250 MHz16) The
triangle waves have an amplitude resolution of 48 digital
steps so a full rising and falling period takes 96 counts
which produces a maximum frequency of 16276 kHz
(1(115625 kHz
96))
The 96 digital counts of the triangle waves also lead to a
very fine PLL phase resolution of 42 ps (4 ns96 counts)
This high phase resolution is achieved using very low fre-
quency signals in contrast to a standard PLL which must
operate at significantly higher frequencies than the data be-
ing tracked to achieve such high phase resolution
FREQUENCY CONTROLLED OSCILLATOR (FCO)
The frequency controlled oscillator produces a 250 MHz
clock that when divided by 2 is phase locked to the incom-
ing data’s clock
The FCO uses three 250 MHz reference clock signals from
the Clock Generation Module and three 0 Hz to 16276 kHz
error clock signals from the Phase Error to Frequency Con-
verter as inputs Each signal in a triplet is 120 degrees
phase shifted from the next
Each corresponding pair (one 250 MHz and one error sig-
nal) of signals is mixed together using an amplitude switch-
ing modulator with the error signal modulating the refer-
ence All of the outputs are then summed together to pro-
duce the final 250 MHz afm phase locked clock signal
where fm is the error frequency
8


Similar Part No. - DP83257

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83257VF NSC-DP83257VF Datasheet
996Kb / 144P
   PLAYERa??Device (FDDI Physical Layer Controller)
More results

Similar Description - DP83257

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83251 NSC-DP83251 Datasheet
657Kb / 96P
   PLAYER Device (FDDI Physical Layer Controller)
DP83256 NSC-DP83256 Datasheet
996Kb / 144P
   PLAYERa??Device (FDDI Physical Layer Controller)
logo
SMSC Corporation
LAN83C183 SMSC-LAN83C183 Datasheet
1Mb / 113P
   FAST ETHERNET PHYSICAL LAYER DEVICE
logo
National Semiconductor ...
CS4103 NSC-CS4103 Datasheet
423Kb / 24P
   IEEE P1394a Physical Layer Device
logo
NXP Semiconductors
MC33772 NXP-MC33772 Datasheet
302Kb / 2P
   Controller and Transformer Physical Layer
REV 4
logo
PMC-Sierra, Inc
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
   622 Mbit/s ATM Physical Layer Device
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
   622 Mbit/s ATM Physical Layer Device
logo
National Semiconductor ...
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
   BMAC Device (FDDI Media Access Controller)
logo
Advanced Micro Devices
AM79C864A AMD-AM79C864A Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
   Quad 155 Mb/s ATM Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com