Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83257 Datasheet(PDF) 10 Page - Texas Instruments

Part # DP83257
Description  PLAYER(TM) Device (FDDI Physical Layer Controller)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83257 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP83257 Datasheet HTML 6Page - Texas Instruments DP83257 Datasheet HTML 7Page - Texas Instruments DP83257 Datasheet HTML 8Page - Texas Instruments DP83257 Datasheet HTML 9Page - Texas Instruments DP83257 Datasheet HTML 10Page - Texas Instruments DP83257 Datasheet HTML 11Page - Texas Instruments DP83257 Datasheet HTML 12Page - Texas Instruments DP83257 Datasheet HTML 13Page - Texas Instruments DP83257 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 146 page
background image
30 Functional Description (Continued)
32 RECEIVER BLOCK
During normal operation the Receiver Block accepts serial
data input at the rate of 125 Mbps from the Clock Recovery
Module During the Internal Loopback mode of operation
the Receiver Block accepts input data from the Transmitter
Block
The Receiver Block performs the following operations
 Optionally converts the incoming data stream from NRZI
to NRZ
 Decodes the data from 5B to 4B coding
 Converts the serial bit stream into the National byte-wide
code
 Compensates for the differences between the upstream
station clock and the local clock
 Decodes Line States
 Detects link errors
 Presents data symbol pairs to the Configuration Switch
Block
The Receiver Block consists of the following functional
blocks
NRZI to NRZ Decoder
Shift Register
Framing Logic
Symbol Decoder
Line State Detector
Elasticity Buffer
Link Error Detector
See
Figure 3-2
NRZI TO NRZ DECODER
The NRZI to NRZ Decoder converts Non-Return-To-Zero-
Invert-On-Ones data to Non-Return-To-Zero format
NRZ format data is the natural data format that the receiver
block utilizes internally so this function is required when the
standard NRZI format data is fed into the device The re-
ceiver block can bypass this conversion function in the case
where an alternate data source outputs NRZ format data
This function can be enabled and disabled through bit 7
(RNRZ) of the Mode Register (MR) When the bit is cleared
it converts the incoming bit stream from NRZI to NRZ This
is the normal configuration required When the bit is set the
incoming NRZ bit stream is passed unchanged
SHIFT REGISTER
The Shift Register converts the serial bit stream into sym-
bol-wide data for the 5B4B Decoder
The Shift Register also provides byte-wide data for the
Framing Logic
FRAMING LOGIC
The Framing Logic performs the Framing function by detect-
ing the beginning of a frame or the Halt-Halt or Halt-Quiet
symbol pair
The J-K symbol pair (11000 10001) indicates the beginning
of a frame during normal operation The Halt-Halt (00100
00100) and Halt-Quiet (00100 00000) symbol pairs are de-
tected for Connection Management (CMT)
TLF11708 – 4
FIGURE 3-2 Receiver Block Diagram
9


Similar Part No. - DP83257

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83257VF NSC-DP83257VF Datasheet
996Kb / 144P
   PLAYERa??Device (FDDI Physical Layer Controller)
More results

Similar Description - DP83257

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83251 NSC-DP83251 Datasheet
657Kb / 96P
   PLAYER Device (FDDI Physical Layer Controller)
DP83256 NSC-DP83256 Datasheet
996Kb / 144P
   PLAYERa??Device (FDDI Physical Layer Controller)
logo
SMSC Corporation
LAN83C183 SMSC-LAN83C183 Datasheet
1Mb / 113P
   FAST ETHERNET PHYSICAL LAYER DEVICE
logo
National Semiconductor ...
CS4103 NSC-CS4103 Datasheet
423Kb / 24P
   IEEE P1394a Physical Layer Device
logo
NXP Semiconductors
MC33772 NXP-MC33772 Datasheet
302Kb / 2P
   Controller and Transformer Physical Layer
REV 4
logo
PMC-Sierra, Inc
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
   622 Mbit/s ATM Physical Layer Device
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
   622 Mbit/s ATM Physical Layer Device
logo
National Semiconductor ...
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
   BMAC Device (FDDI Media Access Controller)
logo
Advanced Micro Devices
AM79C864A AMD-AM79C864A Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
   Quad 155 Mb/s ATM Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com