Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8238J Datasheet(PDF) 6 Page - Texas Instruments

Part # DP8238J
Description  System Controller and Bus Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8238J Datasheet(HTML) 6 Page - Texas Instruments

  DP8238J Datasheet HTML 1Page - Texas Instruments DP8238J Datasheet HTML 2Page - Texas Instruments DP8238J Datasheet HTML 3Page - Texas Instruments DP8238J Datasheet HTML 4Page - Texas Instruments DP8238J Datasheet HTML 5Page - Texas Instruments DP8238J Datasheet HTML 6Page - Texas Instruments DP8238J Datasheet HTML 7Page - Texas Instruments DP8238J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Functional Pin Definitions (Continued)
tion between the CPU memory and inputoutput devices
for instructions and data transfers A status word (which de-
scribes the current machine cycle) is also outputted on this
data bus during the first microcycle of each machine cycle
(SYNC e logic 1)
System Data (DB7–DB0) Bus This bus comprises eight
TRI-STATE inputoutput lines that connect to the memory
and inputoutput components of the system The internal
bidirectional bus driver isolates the DB7–DB0 Data Bus from
the D7–D0 Data Bus
Status Word Chart
Machine Cycle
Status
Data Bus Bit
Control
Word
D7
D6
D5
D4
D3
D2
D1
D0
Signal
Instruction Fetch
1
1
0
1
0
0
0
1
0
MEMR
Memory Read
2
1
0
0
0
0
0
1
0
MEMR
Memory Write
3
0
0
0
0
0
0
0
0
MEMW
Stack Read
4
1
0
0
0
0
1
1
0
MEMR
Stack Write
5
0
0
0
0
0
1
0
0
MEMW
Input Read
6
0
1
0
0
0
0
1
0
IOR
Output Write
7
0
0
0
1
0
0
0
0
IOW
Interrupt Acknowledge
8
0
0
1
0
0
0
1
1
INTA
Halt Acknowledge
9
1
0
0
0
1
0
1
0
(none)
Interrupt Acknowledge While Halt
10
0
0
1
0
1
0
1
1
INTA
Block and Connection Diagrams
TLF6825 – 6
Dual-In-Line Package
TLF6825 – 7
Order Number DP8228J DP8228MJ
DP8228N DP8238J DP8238MJ or
DP8238N
See NS Package Number J28A or N28B
5


Similar Part No. - DP8238J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8238J NSC-DP8238J Datasheet
137Kb / 6P
   System Controller and Bus Driver
More results

Similar Description - DP8238J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8228 NSC-DP8228 Datasheet
137Kb / 6P
   System Controller and Bus Driver
logo
Intel Corporation
8228 INTEL-8228 Datasheet
212Kb / 4P
   SYSTEM CONTROLLER AND BUS DRIVER FOR 8080A CPU
logo
Advanced Micro Devices
AM8228 AMD-AM8228 Datasheet
73Kb / 1P
   System Controller and Bus Driver for 8080A Compatible Microprocessors
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
ON Semiconductor
LC79451KB ONSEMI-LC79451KB Datasheet
324Kb / 38P
   Controller and Driver
October, 2013
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
   Self- and Bus-Bus-powered USB Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com