Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D107X9010D2T Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 593D107X9010D2T
Description  Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X9010D2T Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 593D107X9010D2T Datasheet HTML 3Page - Vishay Siliconix 593D107X9010D2T Datasheet HTML 4Page - Vishay Siliconix 593D107X9010D2T Datasheet HTML 5Page - Vishay Siliconix 593D107X9010D2T Datasheet HTML 6Page - Vishay Siliconix 593D107X9010D2T Datasheet HTML 7Page - Vishay Siliconix 593D107X9010D2T Datasheet HTML 8Page - Vishay Siliconix 593D107X9010D2T Datasheet HTML 9Page - Vishay Siliconix 593D107X9010D2T Datasheet HTML 10Page - Vishay Siliconix 593D107X9010D2T Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
593D
Vishay Sprague
Document Number 40005
Revision 01-Mar-04
34
For technical questions, contact tantalum@vishay.com
12.
Shock Test:
12.1
Capacitors shall be rigidly mounted by means of
suitable brackets. The test load shall be distributed
uniformly on the test platform to minimize the effects
of unbalanced loads.
12.1.1 Test equipment shall be adjusted to produce a shock
of 100 g peak with the duration of 6 mS and sawtooth
waveform at a velocity change of 9.7 ft./sec.
12.2
Capacitors shall be subjected to 3 shocks applied in
each of 3 directions corresponding to the 3 mutually
perpendicular axes of the capacitors.
12.3
Rated DC voltage shall be applied during test.
12.3.1 An oscilloscope or other comparable means shall be
used in determining electrical intermittency during
tests. The replacement voltage applied shall not
exceed 2 volts rms.
12.4
Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
12.5
There shall be no mechanical damage to these
capacitors as a result of these tests.
12.6
Following the shock test, capacitors shall meet the
original limits for capacitance, dissipation factor and l
leakage current.
13.
Moisture Resistance:
13.1
Capacitors shall be subjected to temperature cycling
at 90% to 95% relative humidity, from + 25°C to
+65°C to + 25°C (+ 10°C, - 2°C) over a period of 8
hours per cycle for 1000 hours.
13.2
Following the moisture resistance test, the leakage
current and dissipation factor shall meet the initial
requirements, and the change in capacitance shall
not exceed ± 10%.
14.
Thermal Shock:
14.1
Capacitors shall be conditioned prior to temperature
cycling for 15 minutes at + 25°C, at less than 50%
relative humidity and a barometric pressure at 28 to 31"
14.2
Capacitors shall be subjected to thermal shock in a
cycle of exposure to ambient air at :
- 55°C (+ 0°C,- 5°C) for 30 minutes, then
PERFORMANCE CHARACTERISTICS (Continued)
+ 25°C (+10°C, - 5°C) for 5 minutes, then
+ 125°C (+ 3°C, - 0°C) for 30 minutes, then
+ 25°C (+ 10°C, - 5°C) for 5 minutes for 5 cycles.
14.3
Capacitors shall show no evidence of harmful or
extensive corrosion, obliteration of marking or
other visible damage.
14.4
Following the thermal shock test, capacitors shall
meet the original requirements for leakage current
and dissipation factor. Capacitance change shall not
exceed ± 5% of the original measured value.
15.
Soldering Compatibility:
15.1
Resistance to Solder Heat: Capacitors will
withstand exposure to + 260°C + 5°C for 10 seconds.
15.1.1 Following the resistance to soldering heat test,
capacitance, dissipation factor and DC leakage
current shall meet the initial requirement.
15.2
Solderability: Capacitors will meet the solderability
requirements of ANSI/J-STD-002, Test B (MIL-STD-
202, method and test S.)
16.
Terminal Strength: Per UEC-384-3, minimum of
5N shear force.
17.
Environmental: Mercury, CFC and ODS materials
are not used in the manufacture of these capacitors.
18.
Flammability: Encapsulant materials meet UL94 V0
with an oxygen index of 32%.
19.
Capacitor Failure Mode: The predominant failure
mode for solid tantalum capacitors is increased
leakage current resulting in a shorted circuit. Capaci-
tor failure may result from excess forward or reverse
DC voltage, surge current, ripple current, thermal
shock or excessive temperature.
The increase in leakage is caused by a breakdown of
the Ta
2O5 dielectric.
For additional information on
leakage failure of solid tantalum chip capacitors,
refer to Vishay Sprague Technical Paper, “Leakage
Failure Mode in Solid Tantalum Chip Capacitors.”
20.
Surge Current: All C, D and E case code 593D
capacitors are 100% surge current tested at + 25°C
and rated voltage. The total series circuit resistance
is 0.5 ohms. Each charge cycle of 0.10 seconds is
followed by a discharge cycle of 0.10 seconds. Three
surge cycles are applied. Each capacitor is tested
individually to maximize the peak charging current.


Similar Part No. - 593D107X9010D2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X9010D2TE3 VISHAY-593D107X9010D2TE3 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9010D2TE3 VISHAY-593D107X9010D2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D107X9010D2TE3 VISHAY-593D107X9010D2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X9010D2TE3 VISHAY-593D107X9010D2TE3 Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X9010D2TE3 VISHAY-593D107X9010D2TE3 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
More results

Similar Description - 593D107X9010D2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Revision: 04-Jul-13
255D VISHAY-255D Datasheet
177Kb / 6P
   Organic Polymer, Low ESR, Tantalum Capacitors Commercial, Surface Mount Capacitors for Switch Mode Power Supplies and Converters
Revision 04-Feb-03
DLA14002 VISHAY-DLA14002 Datasheet
287Kb / 19P
   Solid Tantalum Chip Capacitors, TANTAMOUNT
Revision: 12-Apr-16
595D336X9035R2T VISHAY-595D336X9035R2T Datasheet
135Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT
Revision: 08-Jan-13
TM3 VISHAY-TM3 Datasheet
88Kb / 6P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, for Medical Instruments
Revision: 02-Jul-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com