Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7741YC Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7741YC
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7741YC Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7741YC Datasheet HTML 2Page - Texas Instruments DAC7741YC Datasheet HTML 3Page - Texas Instruments DAC7741YC Datasheet HTML 4Page - Texas Instruments DAC7741YC Datasheet HTML 5Page - Texas Instruments DAC7741YC Datasheet HTML 6Page - Texas Instruments DAC7741YC Datasheet HTML 7Page - Texas Instruments DAC7741YC Datasheet HTML 8Page - Texas Instruments DAC7741YC Datasheet HTML 9Page - Texas Instruments DAC7741YC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
DAC7741
6
SBAS248B
www.ti.com
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
tRCS
CS LOW for Read
100
ns
tRDS
R/W HIGH to CS LOW
10
ns
tRDH
R/W HIGH after CS HIGH
10
ns
tDZ
CS HIGH to Data Bus High Impedance
10
70
ns
tCSD
CS LOW to Data Bus Valid
85
100
ns
tWCS
CS LOW for Write
30
ns
tWS
R/W LOW to CS LOW
10
ns
tWH
R/W LOW after CS HIGH
10
ns
tLS
CS LOW to LDAC HIGH
40
ns
tLH
CS LOW after LDAC HIGH
0
ns
tLX
LDAC HIGH
30
ns
tDS
Data Valid to CS LOW
0
ns
tDH
Data Valid after CS HIGH
20
ns
tLWD
LDAC LOW
40
ns
tSS
RSTSEL Valid Before RST LOW
0
ns
tSH
RSTSEL Valid After RST HIGH
10
ns
tRSS
RST LOW
30
ns
tS
Voltage Output Settling Time
5
µs
TIMING CHARACTERISTICS
DAC7741Y
TIMING DIAGRAMS
RESET TIMING
Data In
DB15-DB0
t
DS
t
LS
t
LH
t
S
t
LX
t
WH
t
LWD
t
DH
t
WS
t
WCS
Data Valid
CS
R/W
LDAC
V
OUT
±0.003% of FSR
Error Bands
t
RCS
t
RDS
t
RDH
t
CSD
t
DZ
Data Valid
Data Out
DB15-DB0
R/W
CS
RSTSEL
(RSTSEL = LOW)
(RSTSEL = HIGH)
RST
V
OUT
V
OUT
t
SS
t
SH
t
RSS
t
S
+FS
+FS
–FS
–FS
Min-Scale
Mid-Scale
WRITE CYCLE
READ CYCLE


Similar Part No. - DAC7741YC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741YC BURR-BROWN-DAC7741YC Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741YC/250 BURR-BROWN-DAC7741YC/250 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741YC/2K BURR-BROWN-DAC7741YC/2K Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Similar Description - DAC7741YC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com