Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7742 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC7742
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7742 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7742_15 Datasheet HTML 6Page - Texas Instruments DAC7742_15 Datasheet HTML 7Page - Texas Instruments DAC7742_15 Datasheet HTML 8Page - Texas Instruments DAC7742_15 Datasheet HTML 9Page - Texas Instruments DAC7742_15 Datasheet HTML 10Page - Texas Instruments DAC7742_15 Datasheet HTML 11Page - Texas Instruments DAC7742_15 Datasheet HTML 12Page - Texas Instruments DAC7742_15 Datasheet HTML 13Page - Texas Instruments DAC7742_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DAC7742
10
SBAS256A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = +25°C (unless otherwise noted).
Unipolar Configuration: V
OUT = 0V to +10V
Zero-Scale to +Full-Scale
5k
Ω, 200pF Load
Large-Signal Output (5V/div)
UNIPOLAR FULL-SCALE SETTLING TIME
Time (2
µs/div)
Small-Signal Error (150
µV/div)
Bipolar Configuration: V
OUT = –10 to +10V
–Full-Scale to +Full-Scale
5k
Ω, 200pF Load
Large-Signal Output (5V/div)
BIPOLAR FULL-SCALE SETTLING TIME
Time (2
µs/div)
Small-Signal Error (300
µV/div)
Code 7FFF
H to 8000H
Bipolar Configuration:
±10V V
OUT
MID-SCALE GLITCH
Time (1
µs/div)
MID-SCALE GLITCH
Time (1
µs/div)
Code 8000
H to 7FFFH
Bipolar Configuration:
±10V V
OUT
DIGITAL FEEDTHROUGH
Time (200ns/div)
V
OUT = 7FFFH (100mV/div)
All Data Bits Toggling (5V/div)
CS = 5V


Similar Part No. - DAC7742_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7742Y/250 BURR-BROWN-DAC7742Y/250 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742Y/2K BURR-BROWN-DAC7742Y/2K Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YB/250 BURR-BROWN-DAC7742YB/250 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YB/2K BURR-BROWN-DAC7742YB/2K Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YC/250 BURR-BROWN-DAC7742YC/250 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Similar Description - DAC7742_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com