Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W16A Datasheet(PDF) 3 Page - Texas Instruments

Part # W16A
Description  9316/DM9316 Synchronous 4-Bit Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

W16A Datasheet(HTML) 3 Page - Texas Instruments

  W16A Datasheet HTML 1Page - Texas Instruments W16A Datasheet HTML 2Page - Texas Instruments W16A Datasheet HTML 3Page - Texas Instruments W16A Datasheet HTML 4Page - Texas Instruments W16A Datasheet HTML 5Page - Texas Instruments W16A Datasheet HTML 6Page - Texas Instruments W16A Datasheet HTML 7Page - Texas Instruments W16A Datasheet HTML 8Page - Texas Instruments W16A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
Military
b
55 Cto a125 C
Commercial
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Military
Commercial
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
08
b
08
mA
IOL
Low Level Output Current
16
16
mA
fCLK
Clock Frequency (Note 6)
0
25
0
25
MHz
tW
Pulse Width
Clock
25
25
ns
(Note 6)
Clear
20
20
tSU
Setup Time
Data
20
20
(Note 6)
Enable P
20
20
ns
Load
25
25
Clear
20
20
tH
Any Hold Time (Notes16)
0
0
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
34
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
02
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input
VCC e Max
Clock
80
Current
VI e 24 V
Enable T
80
m
A
Other
40
IIL
Low Level Input
VCC e Max
Clock
b
32
Current
VI e 04V
Enable T
b
32
m
A
Other
b
16
IOS
Short Circuit
VCC e Max
MIL
b
20
b
57
mA
Output Current
(Note 3)
COM
b
18
b
57
ICCH
Supply Current with
VCC e Max
MIL
59
85
mA
Outputs High
(Note 4)
COM
59
94
ICCL
Supply Current with
VCC e Max
MIL
63
91
mA
Outputs Low
(Note 5)
COM
63
101
Note 1
The minimum HOLD time is as specified or as long as the CLOCK input takes to rise from 08V to 2V whichever is longer
Note 2
All typicals are at VCC e 5V TA e 25 C
Note 3
Not more than one output should be shorted at a time
Note 4
ICCH is measured with the LOAD input high then again with the LOAD input low with all other inputs high and all outputs open
Note 5
ICCL is measured with the CLOCK input high then again with the CLOCK input low with all other inputs low and all outputs open
Note 6
TA e 25 C and VCC e 5V
2


Similar Part No. - W16A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
W16A NSC-W16A Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
W16A TI1-W16A Datasheet
415Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
W16A TI1-W16A Datasheet
387Kb / 8P
[Old version datasheet]   Hex TRI-STATE(RM) Inverting Buffers
W16A TI1-W16A Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
W16A TI1-W16A Datasheet
424Kb / 10P
[Old version datasheet]   These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
More results

Similar Description - W16A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
logo
Texas Instruments
SN54ALS561A TI1-SN54ALS561A_11 Datasheet
310Kb / 13P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
54161 NSC-54161 Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
SNJ54LS163AJ TI-SNJ54LS163AJ Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com