Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W16A Datasheet(PDF) 7 Page - Texas Instruments

Part # W16A
Description  9316/DM9316 Synchronous 4-Bit Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

W16A Datasheet(HTML) 7 Page - Texas Instruments

Back Button W16A Datasheet HTML 3Page - Texas Instruments W16A Datasheet HTML 4Page - Texas Instruments W16A Datasheet HTML 5Page - Texas Instruments W16A Datasheet HTML 6Page - Texas Instruments W16A Datasheet HTML 7Page - Texas Instruments W16A Datasheet HTML 8Page - Texas Instruments W16A Datasheet HTML 9Page - Texas Instruments W16A Datasheet HTML 10Page - Texas Instruments W16A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Parameter Measurement Information
Switching Time Waveforms
TLF6606 – 4
Note A
The input pulses are supplied by a generator having the following characteristics PRR s 1 MHz duty cycle s 50% ZOUT
50X tr s 10 ns tf s 10 ns
Vary PRR to measure fMAX
Note B
Outputs QD and carry are tested at tn a 16 for 93168316 where tn is the bit time when all outputs are low
Note C
VREF e 15V
6


Similar Part No. - W16A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
W16A NSC-W16A Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
W16A TI1-W16A Datasheet
415Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
W16A TI1-W16A Datasheet
387Kb / 8P
[Old version datasheet]   Hex TRI-STATE(RM) Inverting Buffers
W16A TI1-W16A Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
W16A TI1-W16A Datasheet
424Kb / 10P
[Old version datasheet]   These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
More results

Similar Description - W16A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
logo
Texas Instruments
SN54ALS561A TI1-SN54ALS561A_11 Datasheet
310Kb / 13P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
54161 NSC-54161 Datasheet
211Kb / 8P
   SYNCHRONOUS 4-BIT COUNTERS
logo
Texas Instruments
SNJ54LS163AJ TI-SNJ54LS163AJ Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com