Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7744EB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7744EB
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7744EB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7744EB Datasheet HTML 3Page - Texas Instruments DAC7744EB Datasheet HTML 4Page - Texas Instruments DAC7744EB Datasheet HTML 5Page - Texas Instruments DAC7744EB Datasheet HTML 6Page - Texas Instruments DAC7744EB Datasheet HTML 7Page - Texas Instruments DAC7744EB Datasheet HTML 8Page - Texas Instruments DAC7744EB Datasheet HTML 9Page - Texas Instruments DAC7744EB Datasheet HTML 10Page - Texas Instruments DAC7744EB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
®
DAC7744
TYPICAL PERFORMANCE CURVES: VSS = 0V (Cont.)
At TA = +25°C, VDD = +5V, VCC = +15V, VSS = 0, VREFH = +10V, and VREFL = 0V, representative unit, unless otherwise specified.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC C, +85
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC D, +85
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, –40
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC B, –40
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC C, –40
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC D, –40
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
+85
°C (cont.)
–40
°C


Similar Part No. - DAC7744EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7744EB BURR-BROWN-DAC7744EB Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7744EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com