Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7744EC Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7744EC
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7744EC Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7744EC Datasheet HTML 6Page - Texas Instruments DAC7744EC Datasheet HTML 7Page - Texas Instruments DAC7744EC Datasheet HTML 8Page - Texas Instruments DAC7744EC Datasheet HTML 9Page - Texas Instruments DAC7744EC Datasheet HTML 10Page - Texas Instruments DAC7744EC Datasheet HTML 11Page - Texas Instruments DAC7744EC Datasheet HTML 12Page - Texas Instruments DAC7744EC Datasheet HTML 13Page - Texas Instruments DAC7744EC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
®
DAC7744
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Frequency (Hz)
100
1k
10k
100k
1M
POWER SUPPLY REJECTION RATIO vs FREQUENCY
+15V
+5V
TYPICAL PERFORMANCE CURVES: VSS = 0V (Cont.)
At TA = +25°C, VDD = +5V, VCC = +15V, VSS = 0, VREFH = +10V, and VREFL = 0V, representative unit, unless otherwise specified.
20
15
10
5
0
–5
–10
–15
–20
Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
0000
H
E000
H
FFFF
H
SINGLE-SUPPLY CURRENT LIMIT
vs INPUT CODE
Short to Ground
Short to V
CC
16
14
12
10
8
6
4
2
0
R
LOAD (kΩ)
0.01
0.1
1
10
100
OUTPUT VOLTAGE vs R
LOAD
Source
Sink
12
10
8
6
4
2
0
LOGIC SUPPLY CURRENT
vs LOGIC INPUT LEVEL FOR DATA BITS
Logic Input Level for Data Bits (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+5V
CS
0
Time (500ns/div)
DIGITAL-TO-ANALOG OUTPUT GLITCH
2LSB/div


Similar Part No. - DAC7744EC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7744EC BURR-BROWN-DAC7744EC Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7744EC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com