Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83846 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83846
Description  DsPHYTER ?좸ingle 10/100 Ethernet Transceiver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83846 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83846 Datasheet HTML 7Page - National Semiconductor (TI) DP83846 Datasheet HTML 8Page - National Semiconductor (TI) DP83846 Datasheet HTML 9Page - National Semiconductor (TI) DP83846 Datasheet HTML 10Page - National Semiconductor (TI) DP83846 Datasheet HTML 11Page - National Semiconductor (TI) DP83846 Datasheet HTML 12Page - National Semiconductor (TI) DP83846 Datasheet HTML 13Page - National Semiconductor (TI) DP83846 Datasheet HTML 14Page - National Semiconductor (TI) DP83846 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
www.national.com
2.0 Configuration
This section includes information on the various configura-
tion options available with the DP83846A. The configura-
tion options described below include:
— Device Configuration
— Auto-Negotiation
— PHY Address and LEDs
— Half Duplex vs. Full Duplex
— Isolate mode
— Loopback mode
— BIST
2.1 Auto-Negotiation
The Auto-Negotiation function provides a mechanism for
exchanging configuration information between two ends of
a link segment and automatically selecting the highest per-
formance mode of operation supported by both devices.
Fast Link Pulse (FLP) Bursts provide the signalling used to
communicate
Auto-Negotiation
abilities
between
two
devices at each end of a link segment. For further detail
regarding Auto-Negotiation, refer to Clause 28 of the IEEE
802.3u specification. The DP83846A supports four differ-
ent Ethernet protocols (10 Mb/s Half Duplex, 10 Mb/s Full
Duplex, 100 Mb/s Half Duplex, and 100 Mb/s Full Duplex),
so the inclusion of Auto-Negotiation ensures that the high-
est performance protocol will be selected based on the
advertised ability of the Link Partner. The Auto-Negotiation
function within the DP83846A can be controlled either by
internal register access or by the use of the AN_EN, AN1
and AN0 pins..
2.1.1 Auto-Negotiation Pin Control
The state of AN_EN, AN0 and AN1 determines whether
the DP83846A is forced into a specific mode or Auto-Nego-
tiation will advertise a specific ability (or set of abilities) as
given in Table 1. These pins allow configuration options to
be selected without requiring internal register access.
The state of AN_EN, AN0 and AN1, upon power-up/reset,
determines the state of bits [8:5] of the ANAR register.
The Auto-Negotiation function selected at power-up or
reset can be changed at any time by writing to the Basic
Mode Control Register (BMCR) at address 00h.
2.1.2 Auto-Negotiation Register Control
When Auto-Negotiation is enabled, the DP83846A trans-
mits the abilities programmed into the Auto-Negotiation
Advertisement register (ANAR) at address 04h via FLP
Bursts. Any combination of 10 Mb/s, 100 Mb/s, Half-
Duplex, and Full Duplex modes may be selected. The
BMCR provides software with a mechanism to control the
operation of the DP83846A. The AN0 and AN1 pins do not
affect the contents of the BMCR and cannot be used by
software to obtain status of the mode selected. Bits 1 & 2 of
the PHYSTS register are only valid if Auto-Negotiation is
disabled or after Auto-Negotiation is complete. The Auto-
Negotiation protocol compares the contents of the ANLPAR
and ANAR registers and uses the results to automatically
configure to the highest performance protocol between the
local and far-end port. The results of Auto-Negotiation
(Auto-Neg Complete, Duplex Status and Speed) may be
accessed in the PHYSTS register.
Auto-Negotiation Priority Resolution:
— (1) 100BASE-TX Full Duplex (Highest Priority)
— (2) 100BASE-TX Half Duplex
— (3) 10BASE-T Full Duplex
— (4) 10BASE-T Half Duplex (Lowest Priority)
The Basic Mode Control Register (BMCR) at address 00h
provides control for enabling, disabling, and restarting the
Auto-Negotiation process. When Auto-Negotiation is dis-
abled the Speed Selection bit in the BMCR controls switch-
ing between 10 Mb/s or 100 Mb/s operation, and the
Duplex Mode bit controls switching between full duplex
operation and half duplex operation. The Speed Selection
and Duplex Mode bits have no effect on the mode of opera-
tion when the Auto-Negotiation Enable bit is set.
The Basic Mode Status Register (BMSR) indicates the set
of available abilities for technology types, Auto-Negotiation
ability, and Extended Register Capability. These bits are
permanently set to indicate the full functionality of the
DP83846A (only the 100BASE-T4 bit is not set since the
DP83846A does not support that function).
Table 1. Auto-Negotiation Modes
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
100BASE-TX, Half/Full-Duplex
1
1
0
10BASE-T Half-Duplex
100BASE-TX, Half-Duplex
1
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Half/Full-Duplex


Similar Part No. - DP83846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83846A TI1-DP83846A Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846AVHG TI1-DP83846AVHG Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846AVHG/NOPB TI1-DP83846AVHG/NOPB Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
DP83846A TI1-DP83846A_11 Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
More results

Similar Description - DP83846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83846A TI1-DP83846A_11 Datasheet
946Kb / 62P
[Old version datasheet]   DsPHYTER - Single 10/100 Ethernet Transceiver
DP83847 TI1-DP83847_11 Datasheet
415Kb / 62P
[Old version datasheet]   DsPHYTER II - Single 10/100 Ethernet Transceiver
logo
National Semiconductor ...
DP83847 NSC-DP83847 Datasheet
378Kb / 60P
   DsPHYTER II ??Single 10/100 Ethernet Transceiver
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
logo
Microchip Technology
LAN8820 MICROCHIP-LAN8820 Datasheet
737Kb / 83P
   RGMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
logo
Realtek Semiconductor C...
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_12 Datasheet
1Mb / 79P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG_11 REALTEK-RTL8211E-VB-CG_11_10 Datasheet
1Mb / 77P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211F-CG REALTEK-RTL8211F-CG Datasheet
1Mb / 72P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
RTL8211E-VB-CG REALTEK-RTL8211E-VB-CG_11 Datasheet
1Mb / 75P
   INTEGRATED 10/100/1000M ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com