Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA348 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA348
Description  Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA348 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments OPA348 Datasheet HTML 10Page - Texas Instruments OPA348 Datasheet HTML 11Page - Texas Instruments OPA348 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
6
0
6
12
18
24
30
36
42
48
56
60
66
72
78
84
90
96
102
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0xFFF
0x800
0x400
0x200
0x100
0x080
0x040
0x020
0x010
0x008
0x004
0x002
0x001
10
100
1k
10k
100k
1M
10M
100M
Bandwidth(Hz)
0x000
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LogicInputVoltage(V)
V
=2.5V
DD
V
=3.0V
DD
V
=5.0V
DD
Appliedtothe
pin.
R/
and
heldat0V.
Allotherdigitalinputs
heldatsupplyvoltage.
CS
W
LDAC
Time(50ns/div)
Code2047to2048
DACUpdate
Time(50ns/div)
Code2048to2047
DACUpdate
Time(20ns/div)
SmallSignalSettling
DACUpdate
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
-40
-20
0
20
40
60
80
100
120
Temperature( C)
°
V
=+10V
REF
ChannelB
ChannelA
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
TYPICAL CHARACTERISTICS: VDD = +5V (continued)
At TA = +25°C, +VDD = +5V, unless otherwise noted.
SUPPLY CURRENT
vs LOGIC INPUT VOLTAGE
REFERENCE MULTIPLYING BANDWIDTH
Figure 13.
Figure 14.
MIDSCALE DAC GLITCH
MIDSCALE DAC GLITCH
Figure 15.
Figure 16.
GAIN ERROR
DAC SETTLING TIME
vs TEMPERATURE
Figure 17.
Figure 18.
8
Submit Documentation Feedback


Similar Part No. - OPA348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
[Old version datasheet]   1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
318Kb / 17P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
472Kb / 19P
[Old version datasheet]   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
   1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348 TI1-OPA348 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - OPA348

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
[Old version datasheet]   12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com