Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT08MT Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HCT08MT
Description  High-Speed CMOS Logic Quad 2-Input AND Gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT08MT Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT08MT Datasheet HTML 1Page - Texas Instruments CD74HCT08MT Datasheet HTML 2Page - Texas Instruments CD74HCT08MT Datasheet HTML 3Page - Texas Instruments CD74HCT08MT Datasheet HTML 4Page - Texas Instruments CD74HCT08MT Datasheet HTML 5Page - Texas Instruments CD74HCT08MT Datasheet HTML 6Page - Texas Instruments CD74HCT08MT Datasheet HTML 7Page - Texas Instruments CD74HCT08MT Datasheet HTML 8Page - Texas Instruments CD74HCT08MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS118C
Features
• Buffered Inputs
• Typical Propagation Delay: 7ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
• CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
CD54HC08,
CD54HCT08,
CD74HC08,
and
CD74HCT08
logic
gates
utilize
silicon
gate
CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The 74HCT logic family is functionally pin
compatible with the standard 74LS logic family.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC08F3A
-55 to 125
14 Ld CERDIP
CD54HCT08F3A
-55 to 125
14 Ld CERDIP
CD74HC08E
-55 to 125
14 Ld PDIP
CD74HC08M
-55 to 125
14 Ld SOIC
CD74HC08MT
-55 to 125
14 Ld SOIC
CD74HC08M96
-55 to 125
14 Ld SOIC
CD74HC08PW
-55 to 125
14 Ld TSSOP
CD74HC08PWR
-55 to 125
14 Ld TSSOP
CD74HCT08E
-55 to 125
14 Ld PDIP
CD74HCT08M
-55 to 125
14 Ld SOIC
CD74HCT08MT
-55 to 125
14 Ld SOIC
CD74HCT08M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
August 1997 - Revised July 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54HC08, CD74HC08,
CD54HCT08, CD74HCT08
High-Speed CMOS Logic
Quad 2-Input AND Gate
[ /Title
(CD54H
C08,
CD54H
CT08,
CD74H
C08,
CD74H
CT08)
/Sub-
ject
(High


Similar Part No. - CD74HCT08MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT08MT TI-CD74HCT08MT Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HCT08MT TI-CD74HCT08MT Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HCT08MT TI1-CD74HCT08MT Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD74HCT08MT TI1-CD74HCT08MT Datasheet
611Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
More results

Similar Description - CD74HCT08MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC08 TI1-CD54HC08_16 Datasheet
611Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD74HC08MG4 TI-CD74HC08MG4 Datasheet
683Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC08 TI-CD54HC08 Datasheet
287Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input AND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC32 TI-CD54HC32_07 Datasheet
413Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC32 TI-CD54HC32 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input OR Gate
CD54HC00 TI1-CD54HC00_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HCT32 TI-CD54HCT32 Datasheet
35Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input OR Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com