Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7654YC Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7654YC
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7654YC Datasheet(HTML) 2 Page - Texas Instruments

  DAC7654YC Datasheet HTML 1Page - Texas Instruments DAC7654YC Datasheet HTML 2Page - Texas Instruments DAC7654YC Datasheet HTML 3Page - Texas Instruments DAC7654YC Datasheet HTML 4Page - Texas Instruments DAC7654YC Datasheet HTML 5Page - Texas Instruments DAC7654YC Datasheet HTML 6Page - Texas Instruments DAC7654YC Datasheet HTML 7Page - Texas Instruments DAC7654YC Datasheet HTML 8Page - Texas Instruments DAC7654YC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
DAC7654
SBAS263A − NOVEMBER 2003 − REVISED DECEMBER 2005
www.ti.com
2
ORDERING INFORMATION(1)
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
DAC7654Y
LQFP−64
PM
−40
°C to +85°C
DAC7654Y
DAC7654YT
Tape and Reel, 250
DAC7654Y
LQFP−64
PM
−40
°C to +85°C
DAC7654Y
DAC7654YR
Tape and Reel, 1500
DAC7654YB
LQFP−64
PM
−40
°C to +85°C
DAC7654YB
DAC7654YBT
Tape and Reel, 250
DAC7654YB
LQFP−64
PM
−40
°C to +85°C
DAC7654YB
DAC7654YBR
Tape and Reel, 1500
DAC7654YC
LQFP−64
PM
−40
°C to +85°C
DAC7654YC
DAC7654YCT
Tape and Reel, 250
DAC7654YC
LQFP−64
PM
−40
°C to +85°C
DAC7654YC
DAC7654YCR
Tape and Reel, 1500
(1) For the most current specification and package information, see the Package Ordering Addendum at the end of this data sheet.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
DAC7654
UNIT
IOVDD, VCC and VDD to VSS
−0.3 to 11
V
IOVDD, VCC and VDD to GND
−0.3 to 5.5
V
Digital Input Voltage to GND
−0.3 to VDD + 0.3
V
Digital Output Voltage to GND
−0.3 to VDD + 0.3
V
ESD-CDM
200
V
Maximum Junction Temperature
+150
°C
Operating Temperature Range
−40 to +85
°C
Storage Temperature Range
−65 to +125
°C
Lead Temperature (soldering, 10s)
+300
°C
(1) Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to
absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond
those specified is not implied.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.


Similar Part No. - DAC7654YC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7654YCR BURR-BROWN-DAC7654YCR Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654YCT BURR-BROWN-DAC7654YCT Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com