Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7664YB Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC7664YB
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7664YB Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7664YB Datasheet HTML 5Page - Texas Instruments DAC7664YB Datasheet HTML 6Page - Texas Instruments DAC7664YB Datasheet HTML 7Page - Texas Instruments DAC7664YB Datasheet HTML 8Page - Texas Instruments DAC7664YB Datasheet HTML 9Page - Texas Instruments DAC7664YB Datasheet HTML 10Page - Texas Instruments DAC7664YB Datasheet HTML 11Page - Texas Instruments DAC7664YB Datasheet HTML 12Page - Texas Instruments DAC7664YB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
9
TYPICAL CHARACTERISTICS: VSS = 0V (−40°C)
All specifications at TA = 25°C, IOVDD = VDD = VCC = +5V, VSS = 0V, representative unit, unless otherwise noted.
Figure 9
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A,
−40_C)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
0000h 2000h 4000h
6000h
8000h
Digital Input Code
A000h C000h E000h FFFFh
Figure 10
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC B,
−40_C)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
0000h 2000h
4000h
6000h
8000h
Digital Input Code
A000h C000h E000h FFFFh
Figure 11
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC C,
−40_C)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
0000h 2000h 4000h
6000h
8000h
Digital Input Code
A000h C000h E000h FFFFh
Figure 12
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC D,
−40_C)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
0000h 2000h
4000h
6000h
8000h
Digital Input Code
A000h C000h E000h FFFFh


Similar Part No. - DAC7664YB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7664YBR TI-DAC7664YBR Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YBT TI-DAC7664YBT Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com