Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7724U Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7724U
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7724U Datasheet(HTML) 3 Page - Texas Instruments

  DAC7724U Datasheet HTML 1Page - Texas Instruments DAC7724U Datasheet HTML 2Page - Texas Instruments DAC7724U Datasheet HTML 3Page - Texas Instruments DAC7724U Datasheet HTML 4Page - Texas Instruments DAC7724U Datasheet HTML 5Page - Texas Instruments DAC7724U Datasheet HTML 6Page - Texas Instruments DAC7724U Datasheet HTML 7Page - Texas Instruments DAC7724U Datasheet HTML 8Page - Texas Instruments DAC7724U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
®
DAC7724, 7725
SPECIFICATION (SINGLE SUPPLY)
At TA = –40°C to +85°C, VCC = +15V, VDD = +5V, VSS = GND, VREFH = +10V, VREFL = 0V, unless otherwise noted.
DAC7724N, U
DAC7724NB, UB
DAC7725N, U
DAC7725NB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
±2
±1
LSB(2)
Linearity Matching(3)
±2
±1
LSB
Differential Linearity Error
±1
±1
LSB
Monotonicity
TMIN to TMAX
12
T
Bits
Zero-Scale Error
Code = 004H
±4
T
LSB
Zero-Scale Drift
2
T
ppm/
°C
Zero-Scale Matching(3)
±4
±2
LSB
Full-Scale Error
Code = FFFH
±4
T
LSB
Full-Scale Matching(3)
±4
±2
LSB
Power Supply Sensitivity
At Full Scale
20
T
ppm /V
ANALOG OUTPUT
Voltage Output(4)
VREFL
VREFH
TT
V
Output Current
±5
T
mA
Load Capacitance
No Oscillation
500
T
pF
Short-Circuit Current
±20
T
mA
Short-Circuit Duration
To VCC or GND
Indefinite
T
REFERENCE INPUT
VREFH Input Range
VREFL +1.25
+10
TT
V
VREFL Input Range
0
VREFH – 1.25
TT
V
Ref High Input Current
–0.3
1.5
TT
mA
Ref Low Input Current
–2.0
0
TT
mA
DYNAMIC PERFORMANCE
Settling Time(5)
To
±0.012%, 10V Output Step
8
10
TT
µs
Channel-to-Channel Crosstalk
0.25
T
LSB
Digital Feedthrough
2
T
nV-s
Output Noise Voltage
f = 10kHz
65
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible CMOS
T
Logic Levels
VIH
IIH ≤ ±10µA
2.4
VDD +0.3
TT
V
VIL
IIL ≤ ±10µA
–0.3
0.8
TT
V
VOH
IOH = –0.8mA
3.6
VDD
TT
V
VOL
IOL = 1.6mA
0.0
0.4
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
+4.75
+5.25
TT
V
VCC
14.25
15.75
TT
V
IDD
50
TT
µA
ICC
3.0
TT
mA
Power Dissipation
45
T
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
NOTES: (1) If VSS = 0V, specification applies at code 004H and above. (2) LSB means Least Significant Bit, when VREFH equals +10V and VREFL equals 0V, then
one LSB equals 2.44mV. (3) All DAC outputs will match within the specified error band. (4) Ideal output voltage, does not take into account zero or full-scale error.
(5) Full-scale positive 10V step and negative step from code FFFH to 004H.


Similar Part No. - DAC7724U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7724U BURR-BROWN-DAC7724U Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724UB BURR-BROWN-DAC7724UB Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7724U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com