Electronic Components Datasheet Search |
|
80E2C15.5 Datasheet(PDF) 2 Page - Littelfuse |
|
80E2C15.5 Datasheet(HTML) 2 Page - Littelfuse |
2 / 10 page POWR-GARD® Fuse Datasheet littelfuse.com © 2014 Littelfuse POWR-GARD® Products Rev: 063014 2 of 10 Description R-rated fuses provide required short-circuit protection for medium voltage motors, motor controllers and associated circuitry.These components have limited ability to absorb the energy of large short-circuit currents. Medium voltage motor controllers contain overload relays which provide both overload protection and locked rotor protection to the motor.The controllers are also intended to interrupt low value short-circuits within the capability of the motor controller.This protects the medium voltage fuse from sustained overcurrents which are less than their minimum interrupting rating. NEMA Standards for R-rated medium voltage power fuses require they operate within 15-35 seconds when subjected to an rms current 100 times the R rating. For example, a fuse with a 2R rating will open within 15 to 35 seconds on an applied current of 2 x 100 = 200 amperes. Ordering Number 3"DIA Dim.A Clip Center 6.38" Dim.B 9.75" A D DD DDD Figure 1 Figure 2 Figure 3 Hookeye Feature* For hookeye attachment; add “W” suffix to part number *See web for Bolt Mount, Inverted Bolt Mount, and Bolt-In dimensions Max Voltage (KV) Style: C (Cartridge) B (Bolt Mount) IB (Inverted Bolt Mount) BI (Bolt-In Mount) No. of Barrels Rating (size) Continuous Current Characteristics Voltage Ratings 2,750 V – 8,250 V Current Range 2R – 36R Options • Hermetically sealed for use in hazardous locations (add “S” suffix to part number) • Bolt-in mounting configurations Bolt Mount “B” Sample Part #: 130-4R-1B-5.5 Inverted-Bolt “IB” Sample Part #: 130-4R-1IB-5.5 Bolt-In Mount “BI” Sample Part #: 130-4R-1BI-5.5 Cartridge “C” Dimensions Medium Voltage Fuse Protection POWR-GARD® medium voltage fuses provide short-circuit protection for motors and transformers rated 2,400 to 38,000 volts AC. Visit littelfuse.com/MediumVoltage to download the white paper featuring protection tables, sizing recommendations, and applications. 130-4R-1C-5.5 R-RATED MEDIUM VOLTAGE FUSES |
Similar Part No. - 80E2C15.5 |
|
Similar Description - 80E2C15.5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |