Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2586PAH Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC2586PAH
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2586PAH Datasheet(HTML) 2 Page - Texas Instruments

  CDC2586PAH Datasheet HTML 1Page - Texas Instruments CDC2586PAH Datasheet HTML 2Page - Texas Instruments CDC2586PAH Datasheet HTML 3Page - Texas Instruments CDC2586PAH Datasheet HTML 4Page - Texas Instruments CDC2586PAH Datasheet HTML 5Page - Texas Instruments CDC2586PAH Datasheet HTML 6Page - Texas Instruments CDC2586PAH Datasheet HTML 7Page - Texas Instruments CDC2586PAH Datasheet HTML 8Page - Texas Instruments CDC2586PAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
DETAILED DESCRITPION OF OUTPUT CONFIGURATIONS
CDC2586
SCAS337D – FEBRUARY 1993 – REVISED APRIL 2004
The feedback input (FBIN) synchronizes the output clocks in frequency and phase to CLKIN. One of the twelve
output clocks must be fed back to FBIN for the PLL to maintain synchronization between CLKIN and the outputs.
The output used as feedback is synchronized to the same frequency as CLKIN.
The Y outputs can be configured to switch in phase and at the same frequency as CLKIN. Select inputs (SEL1,
SEL0) configure up to nine Y outputs, in banks of three, to operate at one-half or double the CLKIN frequency
depending on which output is fed back to FBIN (see Table 1 and Table 2). All output signal duty cycles are
adjusted to 50% independent of the duty cycle at CLKIN.
Output-enable (OE) provides output control. When OE is high, the outputs are in the high-impedance state.
When OE is low, the outputs are active. TEST is used for factory testing of the device and can be used to bypass
the PLL. TEST should be strapped to GND for normal operation.
Unlike many products containing PLLs, the CDC2586 does not require external RC networks. The loop filter for
the PLL is included on-chip, minimizing component count, board space, and cost.
Because it is based on PLL circuitry, the CDC2586 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application of a
fixed-frequency, fixed-phase signal at CLKIN, as well as following any changes to the PLL reference or feedback
signals. Such changes occur upon change of the select inputs, enabling of the PLL via TEST, and upon enable
of all outputs via OE.
The CDC2586 is characterized for operation from 0
°C to 70°C.
The voltage-controlled oscillator (VCO) used in the CDC2586 PLL has a frequency range of 100 MHz to 200
MHz, twice the operating frequency range of the CDC2586 outputs. The output of the VCO is divided by two and
four to provide reference frequencies with a 50% duty cycle of one-half and one-fourth the VCO frequency. The
SEL0 and SEL1 inputs select which of the two signals are buffered to each bank of device outputs.
One device output must be externally wired to FBIN to complete the PLL. The VCO operates such that the
frequency and phase of this output matches that of the CLKIN signal. In the case that a VCO/2 output is wired to
FBIN, the VCO must operate at twice the CLKIN frequency resulting in device outputs that operate at either the
same or one-half the CLKIN frequency. If a VCO/4 output is wired to FBIN, the device outputs operate at twice or
the same as the CLKIN frequency.
2


Similar Part No. - CDC2586PAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2586PAH TI-CDC2586PAH Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC2586PAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com