Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC2586PAHR Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC2586PAHR
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2586PAHR Datasheet(HTML) 3 Page - Texas Instruments

  CDC2586PAHR Datasheet HTML 1Page - Texas Instruments CDC2586PAHR Datasheet HTML 2Page - Texas Instruments CDC2586PAHR Datasheet HTML 3Page - Texas Instruments CDC2586PAHR Datasheet HTML 4Page - Texas Instruments CDC2586PAHR Datasheet HTML 5Page - Texas Instruments CDC2586PAHR Datasheet HTML 6Page - Texas Instruments CDC2586PAHR Datasheet HTML 7Page - Texas Instruments CDC2586PAHR Datasheet HTML 8Page - Texas Instruments CDC2586PAHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Output Configuration A
Output Configuration B
CDC2586
SCAS337D – FEBRUARY 1993 – REVISED APRIL 2004
Output configuration A is valid when any output configured as a 1x frequency output in Table 1 is fed back to
FBIN. The input frequency range for CLKIN is 50 MHz to 100 MHz when using output configuration A. Outputs
configured as 1/2 outputs operate at half the CLKIN frequency, while outputs configured as 1x outputs operate at
the same frequency as CLKIN.
Table 1. Output Configuration A(1)
INPUTS
OUTPUTS
1/2
×
1
×
SEL1
SEL0
FREQUENCY
FREQUENCY
L
L
None
All
L
H
1Yn
2Yn, 3Yn, 4Yn
H
L
1Yn, 2Yn
3Yn, 4Yn
H
H
1Yn, 2Yn, 3Yn
4Yn
(1)
n = 1, 2, 3
Output configuration B is valid when any output configured as a 1x frequency output in Table 2 is fed back to
FBIN. The input frequency range for CLKIN is 25 MHz to 50 MHz when using output configuration B. Outputs
configured as 1x outputs operate at the CLKIN frequency, while outputs configured as 2x outputs operate at
double the frequency of CLKIN.
Table 2. Output Configuration B(1)
INPUTS
OUTPUTS
1
×
2
×
SEL1
SEL0
FREQUENCY
FREQUENCY
L
L
All
None
L
H
1Yn
2Yn, 3Yn, 4Yn
H
L
1Yn, 2Yn
3Yn, 4Yn
H
H
1Yn, 2Yn, 3Yn
4Yn
(1)
n = 1, 2, 3
3


Similar Part No. - CDC2586PAHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2586PAH TI-CDC2586PAH Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC2586PAHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com