Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC9842DWR Datasheet(PDF) 5 Page - Texas Instruments

Part # CDC9842DWR
Description  PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC9842DWR Datasheet(HTML) 5 Page - Texas Instruments

  CDC9842DWR Datasheet HTML 1Page - Texas Instruments CDC9842DWR Datasheet HTML 2Page - Texas Instruments CDC9842DWR Datasheet HTML 3Page - Texas Instruments CDC9842DWR Datasheet HTML 4Page - Texas Instruments CDC9842DWR Datasheet HTML 5Page - Texas Instruments CDC9842DWR Datasheet HTML 6Page - Texas Instruments CDC9842DWR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDC9842
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
WITH 3-STATE OUTPUTS
SCAS546B – NOVEMBER 1995 – REVISED MAY 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
After SEL1, SEL0
5
Stabilization time†
After OE
5
ms
After power up
5
† Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for phase lock to be obtained,
a fixed-frequency, fixed-phase reference signal must be present at X1. Until phase lock is obtained, the specifications for propagation delay and
skew parameters given in the switching characteristics table are not applicable.
switching characteristics (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.135 V
to 3.6 V,
TA = 0°C to 70°C
UNIT
()
()
MIN
MAX
t
HCLKn
200
ps
tskew‡
PCLKn
400
ps
Offset‡
HCLKn
PCLKn
1
4
ns
Jitter‡
HCKLn
±250
ps
Jitter‡
PCLKn
±350
ps
Duty cycle
Any output
45%
55%
SEL0 = L, SEL1 = L
20
ns
HCKLn
SEL0 = L, SEL1 = H
16.7
ns
t ‡
SEL0 = H, SEL1 = L
15
ns
tc‡
SEL0 = L, SEL1 = L
40
ns
PCLKn
SEL0 = L, SEL1 = H
33.3
ns
SEL0 = H, SEL1 = L
30
ns
t ‡§
HCLKn
2
ns
tr‡§
PCKLn
2
ns
t ‡§
HCKLn
2
ns
tf‡§
PCLKn
2
ns
‡ Specifications are applicable only after the PLL stabilization time has elapsed.
§ Rise and fall times are characterized using the load circuits shown in Figure 1.


Similar Part No. - CDC9842DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC9841 TI-CDC9841 Datasheet
135Kb / 9P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9841DW TI-CDC9841DW Datasheet
135Kb / 9P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9841DWR TI-CDC9841DWR Datasheet
135Kb / 9P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9843 TI-CDC9843 Datasheet
124Kb / 8P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9843DW TI-CDC9843DW Datasheet
124Kb / 8P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC9842DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC9841 TI-CDC9841 Datasheet
135Kb / 9P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9843 TI-CDC9843 Datasheet
124Kb / 8P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
CDC950 TI-CDC950 Datasheet
262Kb / 16P
[Old version datasheet]   133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
logo
Integrated Circuit Syst...
ICS2694 ICST-ICS2694 Datasheet
254Kb / 8P
   Motherboard Clock Generator
logo
Texas Instruments
CDC925 TI-CDC925 Datasheet
253Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI-CDC924 Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC921 TI-CDC921 Datasheet
235Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com