Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE421RGER Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCE421RGER
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421RGER Datasheet(HTML) 2 Page - Texas Instruments

  CDCE421RGER Datasheet HTML 1Page - Texas Instruments CDCE421RGER Datasheet HTML 2Page - Texas Instruments CDCE421RGER Datasheet HTML 3Page - Texas Instruments CDCE421RGER Datasheet HTML 4Page - Texas Instruments CDCE421RGER Datasheet HTML 5Page - Texas Instruments CDCE421RGER Datasheet HTML 6Page - Texas Instruments CDCE421RGER Datasheet HTML 7Page - Texas Instruments CDCE421RGER Datasheet HTML 8Page - Texas Instruments CDCE421RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DESCRIPTION
f
xtal +
OutputDivider
FeedbackDivider
fout
(1)
Crystal
Oscillator
Feedback
Divider
12,16,20and32
Output
Divider
1,2,4,8,16and32
PFD/
ChargePump
Prescaler
2,3,4and5
LoopFilter
VCO1
1890
VCO2
2200
XIN1
XIN2
CE
SDATA
B0217-01
1-Pin
Interface
and
Control
EEPROM
LVPCL
LVDS
CDCE421
SCAS842B – APRIL 2007 – REVISED JANUARY 2009..................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The CDCE421 is a high-performance, low-phase-noise clock generator. It has two fully integrated, low-noise,
LC-based voltage controlled oscillators (VCOs) that operate in the 1.750-GHz to 2.350-GHz frequency range. It
has an integrated crystal oscillator that operates in conjunction with an external AT-cut crystal to produce a
stable frequency reference for the PLL-based frequency synthesizer.
The output frequency (fout) is proportional to the frequency of the input crystal (fxtal). The prescaler divider,
feedback divider, output divider, and VCO selection are what set (fout) with respect to (fxtal). For a desired
frequency (fout), look in Table 1 and find the corresponding settings in the same row. Use Equation 1 to calculate
the exact crystal oscillator frequency needed for the desired output.
Output divider(1) = 1, 2, 4, 8, 16, or 32
Feedback divider(2) = 12, 16, 20, or 32
(1)Output divider and feedback divider should be from the same row in Table 1.
(2)Feedback divider is set automatically with respect to the prescaler setting in Table 1.
A high-level block diagram of the CDCE421 is shown in Figure 1.
The CDCE421 supports one differential LVDS clock output or one differential LVPECL output.
All device settings are programmable through a Texas Instruments proprietary simple serial interface.
The device operates in a 3.3-V supply environment and is characterized for operation from –40°C to +85°C.
The CDCE421 is available in a QFN-24 package.
Figure 1. High-Level Block Diagram of the CDCE421
In the CDCE421, the feedback divider is set automatically with respect to the prescaler setting. The product of
the prescaler and the feedback divider will be either 60 or 64, as shown in Table 1, to keep the control loop
stable.
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421


Similar Part No. - CDCE421RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421RGER TI-CDCE421RGER Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421RGERG4 TI-CDCE421RGERG4 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
More results

Similar Description - CDCE421RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
   Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com