Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCFR83DBQ Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCFR83DBQ
Description  Direct Rambus Clock generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCFR83DBQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCFR83DBQ Datasheet HTML 2Page - Texas Instruments CDCFR83DBQ Datasheet HTML 3Page - Texas Instruments CDCFR83DBQ Datasheet HTML 4Page - Texas Instruments CDCFR83DBQ Datasheet HTML 5Page - Texas Instruments CDCFR83DBQ Datasheet HTML 6Page - Texas Instruments CDCFR83DBQ Datasheet HTML 7Page - Texas Instruments CDCFR83DBQ Datasheet HTML 8Page - Texas Instruments CDCFR83DBQ Datasheet HTML 9Page - Texas Instruments CDCFR83DBQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CDCFR83
DIRECT RAMBUS CLOCK GENERATOR
SCAS665B − APRIL 2001 REVISED OCTOBER 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VO(STOP)
Output voltage during CLK Stop
(STOPB = 0)
See Figure 1
1.1
2
VO(X)
Output crossing-point voltage
See Figure 1 and Figure 6
1.3
1.8
V
VO
Output voltage swing
See Figure 1
0.4
0.6
V
VIK
Input clamp voltage
VDD = 3.135 V,
II = −18 mA
−1.2
V
See Figure 1
2
VOH
High-level output voltage
VDD = min to max,
IOH = −1 mA
VDD − 0.1 V
V
VOH
High-level output voltage
VDD = 3.135 V,
IOH = −16 mA
2.4
V
See Figure 1
1
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 16 mA
0.5
V
VDD = 3.135 V,
VO = 1 V
−32
−52
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
−51
mA
IOH
High-level output current
VDD = 3.465 V,
VO = 3.135 V
−14.5
−21
mA
VDD = 3.135 V,
VO = 1.95 V
43
61.5
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
65
mA
IOL
Low-level output current
VDD = 3.465 V,
VO = 0.4 V
25.5
36
mA
IOZ
High-impedance-state output
current
S0 = 0,
S1 = 1
±10
µA
IOZ(STOP)
High-impedance-state output
current during CLK stop
Stop = 0, VO = GND or VDD
±100
µA
IOZ(PD)
High-impedance-state output
current in power-down state
PWRDNB = 0,
VO = GND or VDD
−10
100
µA
IIH
High-level
REFCLK, PCLKM,
SYNCLKN, STOPB
VDD = 3.465 V,
VI = VDD
10
A
IIH
High-level
input current
PWRDNB, S0, S1,
S2, MULT0, MULT1
VDD = 3.465 V,
VI = VDD
10
µA
IIL
Low-level
REFCLK, PCLKM,
SYNCLKN, STOPB
VDD = 3.465 V,
VI = 0
−10
A
IIL
Low-level
input current
PWRDNB, S0, S1,
S2, MULT0, MULT1
VDD = 3.465 V,
VI = 0
−10
µA
ZO
Output
High state
RI at IO −14.5 mA to −16.5 mA
15
35
50
ZO
Output
impedance
Low state
RI at IO 14.5 mA to 16.5 mA
11
17
35
Reference
VDDIR, VDDIPD
VDD = 3.465 V
PWRDNB = 0
50
µA
Reference
current
VDDIR, VDDIPD
VDD = 3.465 V
PWRDNB = 1
0.5
mA
CI
Input capacitance
VI = VDD or GND
2
pF
CO
Output capacitance
VO = VDD or GND
3
pF
IDD(PD)
Supply current in power-down state
REFCLK = 0 MHz to 100 MHz,
PWDNB = 0,
STOPB = 1
100
µA
IDD(CLKSTOP) Supply current in CLK stop state
BUSCLK configured for 533 MHz
45
mA
IDD(NORMAL)
Supply current in normal state
BUSCLK = 533 MHz
100
mA
† VDD refers to any of the following; VDD, VDDIPD, VDDIR, VDDO, VDDC, and VDDP
‡ All typical values are at VDD = 3.3 V, TA = 25°C.


Similar Part No. - CDCFR83DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCFR83DBQ TI-CDCFR83DBQ Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results

Similar Description - CDCFR83DBQ

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI-CDCFR83 Datasheet
162Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83A TI-CDCR83A Datasheet
198Kb / 12P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
CDCR83 TI-CDCR83 Datasheet
172Kb / 13P
[Old version datasheet]   DIRECT RAMBUS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com