Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC337DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDC337DW
Description  Clock Driver with 3-state output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC337DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC337DW Datasheet HTML 3Page - Texas Instruments CDC337DW Datasheet HTML 4Page - Texas Instruments CDC337DW Datasheet HTML 5Page - Texas Instruments CDC337DW Datasheet HTML 6Page - Texas Instruments CDC337DW Datasheet HTML 7Page - Texas Instruments CDC337DW Datasheet HTML 8Page - Texas Instruments CDC337DW Datasheet HTML 9Page - Texas Instruments CDC337DW Datasheet HTML 10Page - Texas Instruments CDC337DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CDC337
CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS330B – DECEMBER 1990 – REVISED OCTOBER 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL INFORMATION
DW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
16 PIN SHOWN
4040000 / D 02/98
Seating Plane
0.400 (10,15)
0.419 (10,65)
0.104 (2,65) MAX
1
0.012 (0,30)
0.004 (0,10)
A
8
16
0.020 (0,51)
0.014 (0,35)
0.293 (7,45)
0.299 (7,59)
9
0.010 (0,25)
0.050 (1,27)
0.016 (0,40)
(15,24)
(15,49)
PINS **
0.010 (0,25) NOM
A MAX
DIM
A MIN
Gage Plane
20
0.500
(12,70)
(12,95)
0.510
(10,16)
(10,41)
0.400
0.410
16
0.600
24
0.610
0.004 (0,10)
M
0.010 (0,25)
0.050 (1,27)
0
°–8°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MS-013


Similar Part No. - CDC337DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337DW TI-CDC337DW Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC337DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337 TI-CDC337 Datasheet
119Kb / 8P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339DBR TI-CDC339DBR Datasheet
281Kb / 13P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339 TI-CDC339 Datasheet
105Kb / 7P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC330 TI1-CDC330 Datasheet
110Kb / 7P
[Old version datasheet]   CLOCK DRIVER WITH 3-STATE OUTPUTS
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Texas Instruments
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com