Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A623308M-70SU Datasheet(PDF) 6 Page - AMIC Technology

Part # A623308M-70SU
Description  8K X 8 BIT CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A623308M-70SU Datasheet(HTML) 6 Page - AMIC Technology

Back Button A623308M-70SU Datasheet HTML 2Page - AMIC Technology A623308M-70SU Datasheet HTML 3Page - AMIC Technology A623308M-70SU Datasheet HTML 4Page - AMIC Technology A623308M-70SU Datasheet HTML 5Page - AMIC Technology A623308M-70SU Datasheet HTML 6Page - AMIC Technology A623308M-70SU Datasheet HTML 7Page - AMIC Technology A623308M-70SU Datasheet HTML 8Page - AMIC Technology A623308M-70SU Datasheet HTML 9Page - AMIC Technology A623308M-70SU Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
A623308 Series
PRELIMINARY
(December, 2002, Version 0.3)
5
AMIC Technology, Corp.
AC Characteristics (TA = 0
°C to +70°C, -25°C to +85°C or -40°C to +85°C, VCC = 5.0V ± 10%)
Symbol
Parameter
A623308-70S/SI/SU
Unit
Min.
Max.
Read Cycle
tRC
Read Cycle Time
70
-
ns
tAA
Address Access Time
-
70
ns
tACE
Chip Enable Access Time
-
70
ns
tOE
Output Enable to Output Valid
-
35
ns
tCLZ
Chip Enable to Output in Low Z
10
-
ns
tOLZ
Output Enable to Output in Low Z
5
-
ns
tCHZ
Chip Disable to Output in High Z
-
25
ns
tOHZ
Output Disable to Output in High Z
-
25
ns
tOH
Output Hold from Address Change
5
-
ns
Write Cycle
tWC
Write Cycle Time
70
-
ns
tCW
Chip Enable to End of Write
60
-
ns
tAS
Address Set up Time
0
-
ns
tAW
Address Valid to End of Write
60
-
ns
tWP
Write Pulse Width
50
-
ns
tWR
Write Recovery Time
0
-
ns
tWHZ
Write to Output in High Z
-
30
ns
tDW
Data to Write Time Overlap
30
-
ns
tDH
Data Hold from Write Time
0
-
ns
tOW
Output Active from End of Write
5
-
ns
Notes:
tCHZ, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not
referred to output voltage levels.


Similar Part No. - A623308M-70SU

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
A623308A-70SF AMICC-A623308A-70SF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
A623308A-70SIF AMICC-A623308A-70SIF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
A623308A-70SUF AMICC-A623308A-70SUF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
A623308AM-70SF AMICC-A623308AM-70SF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results

Similar Description - A623308M-70SU

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6164_1008 LYONTEK-LY6164_1008 Datasheet
234Kb / 13P
   8K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com