Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC421100RGERG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC421100RGERG4
Description  FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421100RGERG4 Datasheet(HTML) 4 Page - Texas Instruments

  CDC421100RGERG4 Datasheet HTML 1Page - Texas Instruments CDC421100RGERG4 Datasheet HTML 2Page - Texas Instruments CDC421100RGERG4 Datasheet HTML 3Page - Texas Instruments CDC421100RGERG4 Datasheet HTML 4Page - Texas Instruments CDC421100RGERG4 Datasheet HTML 5Page - Texas Instruments CDC421100RGERG4 Datasheet HTML 6Page - Texas Instruments CDC421100RGERG4 Datasheet HTML 7Page - Texas Instruments CDC421100RGERG4 Datasheet HTML 8Page - Texas Instruments CDC421100RGERG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
CDC421xxx
SLAS540 – APRIL 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
TA
Ambient temperature, no airflow, no heat sink
–40
85
°C
over recommended operating conditions for CDC421xxx device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
IVCC
Total current at 3.3 V
3.3 V, 312.5 MHz
91
110
mA
LVPECL OUTPUT
fCLK
Output frequency
100
312.5
MHz
VOH
LVPECL high-level output voltage
VCC – 1.20
VCC – 0.81
V
VOL
LVPECL low-level output voltage
VCC – 2.17
VCC – 1.36
V
|VOD|
LVPECL differential output voltage
407
1076
mV
tr
Output rise time
20% to 80% of VOUTpp
170
ps
tf
Output fall time
80% to 20% of VOUTpp
170
ps
Duty cycle of the output waveform
45%
55%
LVCMOS INPUT
VIL,CMOS
Low-level CMOS input voltage
VCC = 3.3 V
0.3 VCC
V
VIH,CMOS
High-level CMOS input voltage
VCC = 3.3 V
0.7 VCC
V
IL,CMOS
Low-level CMOS input current
VCC = VCC max, VIL = 0 V
–200
µA
IH,CMOS
High-level CMOS input current
VCC = VCC min, VIH = 3.7 V
200
µA
4
Submit Documentation Feedback


Similar Part No. - CDC421100RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421100RGER TI-CDC421100RGER Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
More results

Similar Description - CDC421100RGERG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com