Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD628AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD628AR
Description  High Common-Mode Voltage Programmable Gain Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD628AR Datasheet HTML 5Page - Analog Devices AD628AR Datasheet HTML 6Page - Analog Devices AD628AR Datasheet HTML 7Page - Analog Devices AD628AR Datasheet HTML 8Page - Analog Devices AD628AR Datasheet HTML 9Page - Analog Devices AD628AR Datasheet HTML 10Page - Analog Devices AD628AR Datasheet HTML 11Page - Analog Devices AD628AR Datasheet HTML 12Page - Analog Devices AD628AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD628
Rev. C | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
40
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
2.0
INPUT OFFSET VOLTAGE (mV)
8440 UNITS
Figure 5. Typical Distribution of Input Offset Voltage,
VS = ±15 V, SOIC Package
0
5
10
15
20
25
–74
–78
–82
–86
–90
–94
–98
–102
–106
–110
CMRR (dB)
8440 UNITS
Figure 6. Typical Distribution of Common-Mode Rejection, SOIC Package
30
40
50
60
70
80
90
100
110
120
130
FREQUENCY (Hz)
100
10
1k
10k
100k
VS = ±2.5V
VS = ±15V
Figure 7. CMRR vs. Frequency
0
20
40
60
80
100
120
140
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
G = +0.1
–15V
+15V
+2.5V
Figure 8. PSRR vs. Frequency, Single and Dual Supplies
100
1000
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 9. Voltage Noise Spectral Density, RTI, VS = ±15 V
100
1000
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 10. Voltage Noise Spectral Density, RTI, VS = ±2.5 V


Similar Part No. - AD628AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD628AR AD-AD628AR Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628AR AD-AD628AR Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628AR-REEL AD-AD628AR-REEL Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628AR-REEL AD-AD628AR-REEL Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628AR-REEL7 AD-AD628AR-REEL7 Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
More results

Similar Description - AD628AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD628 AD-AD628_15 Datasheet
573Kb / 21P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628 AD-AD628_06 Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
INA146 TI1-INA146 Datasheet
332Kb / 15P
[Old version datasheet]   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA146 BURR-BROWN-INA146 Datasheet
129Kb / 11P
   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com