Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801AQRMJRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8801AQRMJRQ1
Description  DMOS Full-Bridge Motor Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8801AQRMJRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8801AQRMJRQ1 Datasheet HTML 7Page - Texas Instruments DRV8801AQRMJRQ1 Datasheet HTML 8Page - Texas Instruments DRV8801AQRMJRQ1 Datasheet HTML 9Page - Texas Instruments DRV8801AQRMJRQ1 Datasheet HTML 10Page - Texas Instruments DRV8801AQRMJRQ1 Datasheet HTML 11Page - Texas Instruments DRV8801AQRMJRQ1 Datasheet HTML 12Page - Texas Instruments DRV8801AQRMJRQ1 Datasheet HTML 13Page - Texas Instruments DRV8801AQRMJRQ1 Datasheet HTML 14Page - Texas Instruments DRV8801AQRMJRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
I(PEAK)
I(OCP)
I(OUTx)
Hi-Z
V(OUTx)
Enable,
Source
or Sink
nFAULT
Motor Lead
Short Condition
Normal DC
No Fault Condition
t(OCP)
t(DEG)
tpd
11
DRV8801A-Q1
www.ti.com
SLVSC79C – JUNE 2014 – REVISED JULY 2016
Product Folder Links: DRV8801A-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 5. Overcurrent Control Timing
7.3.7 VPROPI
The VPROPI output is equal to approximately five times the voltage present on the SENSE pin. VPROPI is
meaningful only if there is a resistor connected to the SENSE pin. If the SENSE pin is connected to ground,
VPROPI measures 0 V. Also note that during slow decay (brake), VPROPI measures 0 V. VPROPI can output a
maximum of 2.5 V, because at 500 mV on SENSE, the H-bridge is disabled.
7.3.8 Protection Circuits
The DRV8801A-Q1 device is fully protected against VBB undervoltage, overcurrent, and overtemperature events.
FAULT
ERROR REPORT
H-BRIDGE
CHARGE PUMP
RECOVERY
VBB undervoltage (UVLO)
No error report – nFAULT
is hi-Z
Disabled
Shut Down
VBB > VUVLO RISING
Overcurrent (OCP)
nFAULT pulled low
Disabled
Operating
Retry time, t(OCP)
Overtemperature Warning
(OTW)
nFAULT pulled low
Enabled
Operating
TJ < T(OTW) – Thys(OTW)
Overtemperature
Shutdown (OTS)
nFAULT remains pulled
low (set during OTW)
Disabled
Shut Down
TJ < T(OTS) – Thys(OTS)
7.3.8.1 VBB Undervoltage Lockout (UVLO)
If at any time the voltage on the VBB pin falls below the undervoltage lockout threshold voltage, all FETs in the H-
bridge are disabled and the charge pump is disabled. The nFAULT pin does not report the UVLO fault condition
and remains hi-Z. Operation resumes when VBB rises above the UVLO threshold.


Similar Part No. - DRV8801AQRMJRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
DRV8801A0RTY TI-DRV8801A0RTY Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
More results

Similar Description - DRV8801AQRMJRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   DMOS Full-Bridge Motor Drivers
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
[Old version datasheet]   DMOS FULL-BRIDGE MOTOR DRIVERS
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
   Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
[Old version datasheet]   DRV880x DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI-DRV8801A-Q1_15 Datasheet
831Kb / 24P
[Old version datasheet]   DRV8801A-Q1 DMOS Full-Bridge Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com