Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8824 Datasheet(PDF) 9 Page - Texas Instruments

Part # DRV8824
Description  Stepper Motor Controller IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8824 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8824_16 Datasheet HTML 5Page - Texas Instruments DRV8824_16 Datasheet HTML 6Page - Texas Instruments DRV8824_16 Datasheet HTML 7Page - Texas Instruments DRV8824_16 Datasheet HTML 8Page - Texas Instruments DRV8824_16 Datasheet HTML 9Page - Texas Instruments DRV8824_16 Datasheet HTML 10Page - Texas Instruments DRV8824_16 Datasheet HTML 11Page - Texas Instruments DRV8824_16 Datasheet HTML 12Page - Texas Instruments DRV8824_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DRV8824
www.ti.com
SLVSA06J – OCTOBER 2009 – REVISED JULY 2014
8 Detailed Description
8.1 Overview
The DRV8824 is an integrated motor driver solution for bipolar stepper motors. The device integrates two NMOS
H-bridges, current sense, regulation circuitry, and a microstepping indexer. The DRV8824 can be powered with a
supply voltage between 8.2 to 45 V and is capable of providing an output current up to 1.6 A full-scale.
A simple STEP/DIR interface allows for easy interfacing to the controller circuit. The internal indexer is able to
execute high-accuracy microstepping without requiring the processor to control the current level.
The current regulation is highly configurable, with three decay modes of operation. Fast, slow, and mixed decay
can be selected depending on the application requirements.
A low-power sleep mode is included which allows the system to save power when not driving the motor.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8824


Similar Part No. - DRV8824_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824 TI-DRV8824_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
More results

Similar Description - DRV8824_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com