Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D337X-004R2-15H Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 592D337X-004R2-15H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D337X-004R2-15H Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 592D337X-004R2-15H Datasheet HTML 3Page - Vishay Siliconix 592D337X-004R2-15H Datasheet HTML 4Page - Vishay Siliconix 592D337X-004R2-15H Datasheet HTML 5Page - Vishay Siliconix 592D337X-004R2-15H Datasheet HTML 6Page - Vishay Siliconix 592D337X-004R2-15H Datasheet HTML 7Page - Vishay Siliconix 592D337X-004R2-15H Datasheet HTML 8Page - Vishay Siliconix 592D337X-004R2-15H Datasheet HTML 9Page - Vishay Siliconix 592D337X-004R2-15H Datasheet HTML 10Page - Vishay Siliconix 592D337X-004R2-15H Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.vishay.com
80
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
1.
Operating Temperature: Capacitors are designed to
operate over the temperature range - 55°C to + 85°C.
1.1
Capacitors may be operated to + 125°C with
voltage derating to two-thirds the + 85°C rating.
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors may be subjected
under any conditions, including transients and peak
ripple at the highest line voltage. 592D228X_6R3X2T
and 592D338X_6R3V2T, not surge voltage tesed.
3.1
Surge Voltage Test: Capacitors shall withstand
the surge voltage applied in series with a 33 ohm
± 5% resistor at the rate of one-half minute on,
one-half minute off, at + 85°C, for 1000 successive
test cycles.
3.2
Following the surge voltage test, the dissipation
factor and the leakage current shall meet the initial
requirements; the capacitance shall not have changed
more than ± 10%.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance
limits of the normal rating.
4.1
Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing
voltage shall be of such magnitude that there shall be
no reversal of polarity due to the AC component. The
maximum voltage applied to capacitors during
measurement shall be 2 volts rms at 120 Hz at +25°C.
If the AC voltage applied is less than one-half volt rms,
no DC bias is required. Accuracy of the bridge shall
be within ± 2%.
5.
Capacitance Change With Temperature: The
capacitance change with temperature shall not exceed
the following percentage of the capacitance measured
at + 25°C:
6.
Dissipation Factor: The dissipation factor,
determined from the expression 2πfRC, shall not
exceed values listed in the Standard Ratings Table.
6.1
Measurements shall be made by the bridge method
at, or referred to, a frequency of 120 Hz and a
temperature of + 25°C.
7.
Leakage Current: Capacitors shall be stabilized at
the rated temperature for 30 minutes. Rated voltage
shall be applied to capacitors for 5 minutes using a
steady source of power (such as a regulated power
supply) with 1000 ohm resistor connected in series
with the capacitor under test to limit the charging
current. Leakage current shall then be measured.
Note that the leakage current varies with temperature
and applied voltage. See graph below for the
appropriate adjustment factor.
+ 85
°C Rating
+ 125
°C Rating
Working
Voltage
(V)
Working
Voltage
(V)
Surge
Voltage
(V)
Surge
Voltage
(V)
4
6.3
10
16
20
25
35
5.2
8
13
20
26
32
46
2.7
4
7
10
13
17
23
3.4
5
8
12
16
20
28
- 55°C
- 10%
+ 85°C
+ 10%
+ 125°C
+ 12%
PERFORMANCE CHARACTERISTICS
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90
100
+ 125
°C
+ 85
°C
+ 55
°C
+ 25
°C
0
°C
- 55
°C
Percent of Rated Voltage


Similar Part No. - 592D337X-004R2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D337X_004C2_15H VISHAY-592D337X_004C2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D337X_004D2_15H VISHAY-592D337X_004D2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D337X_004D2_20H VISHAY-592D337X_004D2_20H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D337X_004R2_15H VISHAY-592D337X_004R2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D337X_010D2_18H VISHAY-592D337X_010D2_18H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
More results

Similar Description - 592D337X-004R2-15H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com