Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8833PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8833PW
Description  Dual H-Bridge Motor Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8833PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV8833PW Datasheet HTML 5Page - Texas Instruments DRV8833PW Datasheet HTML 6Page - Texas Instruments DRV8833PW Datasheet HTML 7Page - Texas Instruments DRV8833PW Datasheet HTML 8Page - Texas Instruments DRV8833PW Datasheet HTML 9Page - Texas Instruments DRV8833PW Datasheet HTML 10Page - Texas Instruments DRV8833PW Datasheet HTML 11Page - Texas Instruments DRV8833PW Datasheet HTML 12Page - Texas Instruments DRV8833PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
xOUT1
xOUT 2
VM
xISEN
xIN2
Pre-
drive
VCP, VINT
VM
+
-
PWM
OCP
OCP
xIN1
REF (200mV)
DCM
Optional
DRV8833
www.ti.com
SLVSAR1E – JANUARY 2011 – REVISED JULY 2015
7.3 Feature Description
7.3.1 Fixed-Frequency PWM Motor Drivers
DRV8833 contains two identical H-bridge motor drivers with current-control PWM circuitry. Figure 5 shows a
block diagram of the circuitry.
Figure 5. Motor Control Circuitry
7.3.2 Bridge Control and Decay Modes
The AIN1 and AIN2 input pins control the state of the AOUT1 and AOUT2 outputs; similarly, the BIN1 and BIN2
input pins control the state of the BOUT1 and BOUT2 outputs. Table 1 shows the logic.
Table 1. H-Bridge Logic
xIN1
xIN2
xOUT1
xOUT2
FUNCTION
Coast/fast
0
0
Z
Z
decay
0
1
L
H
Reverse
1
0
H
L
Forward
Brake/slow
1
1
L
L
decay
The inputs can also be used for PWM control of the motor speed. When controlling a winding with PWM, when
the drive current is interrupted, the inductive nature of the motor requires that the current must continue to flow.
This is called recirculation current. To handle this recirculation current, the H-bridge can operate in two different
states: fast decay or slow decay. In fast decay mode, the H-bridge is disabled and recirculation current flows
through the body diodes; in slow decay, the motor winding is shorted.
To PWM using fast decay, the PWM signal is applied to one xIN pin while the other is held low; to use slow
decay, one xIN pin is held high.
Table 2. PWM Control of Motor Speed
xIN1
xIN2
FUNCTION
PWM
0
Forward PWM, fast decay
1
PWM
Forward PWM, slow decay
0
PWM
Reverse PWM, fast decay
PWM
1
Reverse PWM, slow decay
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DRV8833


Similar Part No. - DRV8833PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833PWP TI1-DRV8833PWP Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8833PWPR TI1-DRV8833PWPR Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
More results

Similar Description - DRV8833PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI-DRV8848_15 Datasheet
975Kb / 28P
[Old version datasheet]   DRV8848 Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com