Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8833RTYT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8833RTYT
Description  Dual H-Bridge Motor Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8833RTYT Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8833RTYT Datasheet HTML 2Page - Texas Instruments DRV8833RTYT Datasheet HTML 3Page - Texas Instruments DRV8833RTYT Datasheet HTML 4Page - Texas Instruments DRV8833RTYT Datasheet HTML 5Page - Texas Instruments DRV8833RTYT Datasheet HTML 6Page - Texas Instruments DRV8833RTYT Datasheet HTML 7Page - Texas Instruments DRV8833RTYT Datasheet HTML 8Page - Texas Instruments DRV8833RTYT Datasheet HTML 9Page - Texas Instruments DRV8833RTYT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
DRV8833
SLVSAR1E – JANUARY 2011 – REVISED JULY 2015
www.ti.com
6.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IVM
VM operating supply current
VM = 5 V, xIN1 = 0 V, xIN2 = 0 V
1.7
3
mA
IVMQ
VM sleep mode supply current
VM = 5 V
1.6
2.5
μA
VUVLO
VM undervoltage lockout voltage
VM falling
2.6
V
VM undervoltage lockout
VHYS
90
mV
hysteresis
LOGIC-LEVEL INPUTS
nSLEEP
0.5
VIL
Input low voltage
V
All other pins
0.7
nSLEEP
2.5
VIH
Input high voltage
V
All other pins
2
VHYS
Input hysteresis
0.4
V
nSLEEP
500
RPD
Input pulldown resistance
k
Ω
All except nSLEEP
150
IIL
Input low current
VIN = 0
1
μA
VIN = 3.3 V, nSLEEP
6.6
13
IIH
Input high current
μA
VIN = 3.3 V, all except nSLEEP
16.5
33
tDEG
Input deglitch time
450
ns
nFAULT OUTPUT (OPEN-DRAIN OUTPUT)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
μA
H-BRIDGE FETs
VM = 5 V, I O = 500 mA, TJ = 25°C
200
VM = 5 V, IO = 500 mA, TJ = 85°C
325
HS FET on resistance
VM = 2.7 V, I O = 500 mA, TJ = 25°C
250
VM = 2.7 V, IO = 500 mA, TJ = 85°C
350
RDS(ON)
m
VM = 5 V, I O = 500 mA, TJ = 25°C
160
VM = 5 V, IO = 500 mA, TJ = 85°C
275
LS FET on resistance
VM = 2.7 V, I O = 500 mA, TJ = 25°C
200
VM = 2.7 V, IO = 500 mA, TJ = 85°C
300
IOFF
Off-state leakage current
VM = 5 V, TJ = 25°C, VOUT = 0 V
–1
1
μA
MOTOR DRIVER
ƒPWM
Current control PWM frequency
Internal PWM frequency
50
kHz
tR
Rise time
VM = 5 V, 16 Ω to GND, 10% to 90% VM
180
ns
tF
Fall time
VM = 5 V, 16 Ω to GND, 10% to 90% VM
160
ns
tPROP
Propagation delay INx to OUTx
VM = 5 V
1.1
µs
tDEAD
Dead time(1)
VM = 5 V
450
ns
PROTECTION CIRCUITS
IOCP
Overcurrent protection trip level
2
3.3
A
tDEG
OCP Deglitch time
4
µs
tOCP
Overcurrent protection period
1.35
ms
tTSD
Thermal shutdown temperature
Die temperature
150
160
180
°C
(1)
Internal dead time. External implementation is not necessary.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: DRV8833


Similar Part No. - DRV8833RTYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833RTYT TI1-DRV8833RTYT Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
More results

Similar Description - DRV8833RTYT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
[Old version datasheet]   DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI-DRV8848_15 Datasheet
975Kb / 28P
[Old version datasheet]   DRV8848 Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com