Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV10975ZPWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10975ZPWP
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10975ZPWP Datasheet(HTML) 4 Page - Texas Instruments

  DRV10975ZPWP Datasheet HTML 1Page - Texas Instruments DRV10975ZPWP Datasheet HTML 2Page - Texas Instruments DRV10975ZPWP Datasheet HTML 3Page - Texas Instruments DRV10975ZPWP Datasheet HTML 4Page - Texas Instruments DRV10975ZPWP Datasheet HTML 5Page - Texas Instruments DRV10975ZPWP Datasheet HTML 6Page - Texas Instruments DRV10975ZPWP Datasheet HTML 7Page - Texas Instruments DRV10975ZPWP Datasheet HTML 8Page - Texas Instruments DRV10975ZPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
DRV10975
SLVSCP2 – JANUARY 2015
www.ti.com
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
N/AME
NO.
21
W
O
Motor W phase
22
23
VCC
P
Device power supply
24
PowerPAD™
The exposed PowerPAD must be electrically connected to ground plane through soldering to PCB for
P
(GND)
proper operation and connected to bottom side of PCB through vias for better thermal spreading.
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
–0.3
23
SPEED
–0.3
4
Input voltage(2)
GND
–0.3
0.3
V
SCL, SDA
–0.3
4
DIR
–0.3
4
U, V, W
–1
23
SW
–1
23
VREG
–0.3
7
FG
–0.3
4
Output voltage(2)
VCP
–0.3
V(VCC) + 6
V
CPN
–0.3
23
CPP
–0.3
V(VCC) + 6
V3P3
–0.3
4
V1P8
–0.3
2.5
TJ_MAX
Maximum junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
8.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2500
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV10975


Similar Part No. - DRV10975ZPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10975ZPWP TI1-DRV10975ZPWP Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975ZPWP TI1-DRV10975ZPWP Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975ZPWPR TI1-DRV10975ZPWPR Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975ZPWPR TI1-DRV10975ZPWPR Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10975ZPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com