Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS08MB200 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS08MB200
Description  Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS08MB200 Datasheet(HTML) 3 Page - Texas Instruments

  DS08MB200 Datasheet HTML 1Page - Texas Instruments DS08MB200 Datasheet HTML 2Page - Texas Instruments DS08MB200 Datasheet HTML 3Page - Texas Instruments DS08MB200 Datasheet HTML 4Page - Texas Instruments DS08MB200 Datasheet HTML 5Page - Texas Instruments DS08MB200 Datasheet HTML 6Page - Texas Instruments DS08MB200 Datasheet HTML 7Page - Texas Instruments DS08MB200 Datasheet HTML 8Page - Texas Instruments DS08MB200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
VDD
GND
GND
ENL_0
N/C
VDD
LO_0+
LO_0-
LI_0+
LI_0-
MUX_S0
VDD
48
47
46
45
44
43
42
41
40
39
38
37
ENA_1
ENB_1
SOA_1+
SOA_1-
SOB_1+
SOB_1-
SIA_1+
SIA_1-
SIB_1+
SIB_1-
N/C
N/C
13
14
15
16
17
18
19
20
21
22
23
24
12 11 10
9
8
7
6
5
4
3
2
1
25 26 27 28 29 30 31 32 33 34 35 36
DAP
(GND)
VDD
GND
GND
ENL_0
N/C
VDD
LO_0+
LO_0-
LI_0+
LI_0-
MUX_S0
VDD
ENA_1
ENB_1
SOA_1+
SOA_1-
SOB_1+
SOB_1-
SIA_1+
SIA_1-
SIB_1+
SIB_1-
N/C
N/C
Channel 0
Channel 1
DS08MB200
www.ti.com
SNLS197D – MAY 2006 – REVISED MARCH 2013
Connection Diagrams
Top View
Top View
Figure 2. WQFN Package
Figure 3. Directional Signal Paths
See Package Number RHS0048A
(Refer to pin names for signal polarity)
DAP = GND
TRI-STATE and Powerdown Modes
The DS08MB200 has output enable control on each of the six onboard LVDS output drivers. This control allows
each output individually to be placed in a low power TRI-STATE mode while the device remains active, and is
useful to reduce power consumption on unused channels. In TRI-STATE mode, some outputs may remain active
while some are in TRI-STATE.
When all six of the output enables (all drivers on both channels) are deasserted (LOW), then the device enters a
Powerdown mode that consumes only 0.5mA (typical) of supply current. In this mode, the entire device is
essentially powered off, including all receiver inputs, output drivers and internal bandgap reference generators.
When returning to active mode from Powerdown mode, there is a delay until valid data is presented at the
outputs because of the ramp to power up the internal bandgap reference generators.
Any single output enable that remains active will hold the device in active mode even if the other five outputs are
in TRI-STATE.
When in Powerdown mode, any output enable that becomes active will wake up the device back into active
mode, even if the other five outputs are in TRI-STATE.
Input Failsafe Biasing
External pull up and pull down resistors may be used to provide enough of an offset to enable an input failsafe
under open-circuit conditions. This configuration ties the positive LVDS input pin to VDD thru a pull up resistor
and the negative LVDS input pin is tied to GND by a pull down resistor. The pull up and pull down resistors
should be in the 5k
Ω to 15kΩ range to minimize loading and waveform distortion to the driver. Please refer to
application note SNLA051B AN-1194, “Failsafe Biasing of LVDS Interfaces” for more information.
Output Characteristics
The output characteristics of the DS08MB200 have been optimized for point-to-point backplane and cable
applications, and are not intended for multipoint or multidrop signaling.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS08MB200


Similar Part No. - DS08MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200 Datasheet
280Kb / 10P
   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
280Kb / 10P
   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS08MB200TSQX NSC-DS08MB200TSQX Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
More results

Similar Description - DS08MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS08MB200 NSC-DS08MB200_07 Datasheet
280Kb / 10P
   Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
   Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
National Semiconductor ...
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
[Old version datasheet]   DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
logo
National Semiconductor ...
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com