Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV10983ZPWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWP
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV10983ZPWP Datasheet HTML 7Page - Texas Instruments DRV10983ZPWP Datasheet HTML 8Page - Texas Instruments DRV10983ZPWP Datasheet HTML 9Page - Texas Instruments DRV10983ZPWP Datasheet HTML 10Page - Texas Instruments DRV10983ZPWP Datasheet HTML 11Page - Texas Instruments DRV10983ZPWP Datasheet HTML 12Page - Texas Instruments DRV10983ZPWP Datasheet HTML 13Page - Texas Instruments DRV10983ZPWP Datasheet HTML 14Page - Texas Instruments DRV10983ZPWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
11
DRV10983
www.ti.com
SLVSCP6C – JULY 2014 – REVISED MAY 2016
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The DRV10983 is a three-phase sensorless motor driver with integrated power MOSFETs, which provide drive
current capability up to 2 A continuous. The device is specifically designed for low-noise, low external component
count, 12- to 24-V motor drive applications. The device is configurable through a simple I2C interface to
accommodate different motor parameters and spin-up profiles for different customer applications.
A 180° sensorless control scheme provides continuous sinusoidal output voltages to the motor phases to enable
ultra-quiet motor operation by keeping the electrically induced torque ripple small.
The DRV10983 features extensive protection and fault detect mechanisms to ensure reliable operation. Voltage
surge protection prevents the input Vcc capacitor from overcharging, which is typical during motor deceleration.
The devices provides phase to phase overcurrent protection without the need for an external current sense
resistor. Rotor lock detect is available through several methods. These methods can be configured with register
settings to ensure reliable operation. The device provides additional protection for undervoltage lockout (UVLO)
and for thermal shutdown.
The commutation control algorithm continuously measures the motor phase current and periodically measures
the VCC supply voltage. The device uses this information for BEMF estimation, and the information is also
provided through the I2C register interface for debug and diagnostic use in the system, if desired.
A buck switching regulator efficiently steps down the supply voltage. The output of this regulator provides power
for the internal circuits and can also be used to provide power for an external circuit such as a microcontroller. If
providing power for an external circuit is not necessary (and to reduce system cost), configure the buck switching
regulator as a linear regulator by replacing the inductor with resistor.
TI designed the interfacing to the DRV10983 to be flexible. In addition to the I2C interface, the system can use
the discrete FG pin, DIR pin, and SPEED pin. SPEED is the speed command input pin. It controls the output
voltage amplitude. DIR is the direction control input pin. FG is the speed indicator output, which shows the
frequency of the motor commutation.
EEPROM is integrated in the DRV10983 as memory for the motor parameter and operation settings. EEPROM
data transfers to the register after power-on and exit from sleep mode.
The DRV10983 device can also operate in register mode. If the system includes a microcontroller communicating
through the I2C interface, the device can dynamically update the motor parameter and operation settings by
writing to the registers. In this configuration, the EEPROM data is bypassed by the register settings.


Similar Part No. - DRV10983ZPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10983 TI1-DRV10983 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983QPWPRQ1 TI1-DRV10983QPWPRQ1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983SQPWPRQ1 TI1-DRV10983SQPWPRQ1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI-DRV10983_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10983 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10983ZPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10987 TI1-DRV10987 Datasheet
1Mb / 69P
[Old version datasheet]   DRV10987 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI-DRV10983_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10983 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com