Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV10983ZPWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 2 Page - Texas Instruments

  DRV10983ZPWPR Datasheet HTML 1Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 2Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 3Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 4Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
10
12
Interface to
Microcontroller
1 µF
1 µF
M
1
2
3
4
5
6
7
8
9
11
24
23
22
21
20
19
18
17
16
15
14
13
VCP
CPP
CPN
SW
SWGND
VREG
V1P8
GND
V3P3
SCL
SDA
FG
VCC
VCC
W
W
V
V
U
U
PGND
PGND
DIR
SPEED
0.1 µF
0.1 µF
3.3 V/5 V
47 µH
10 µF
10 µF
VCC
Copyright © 2016, Texas Instruments Incorporated
2
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
4 Application Schematic


Similar Part No. - DRV10983ZPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10983 TI1-DRV10983 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983QPWPRQ1 TI1-DRV10983QPWPRQ1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983SQPWPRQ1 TI1-DRV10983SQPWPRQ1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI-DRV10983_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10983 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10983ZPWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10987 TI1-DRV10987 Datasheet
1Mb / 69P
[Old version datasheet]   DRV10987 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI-DRV10983_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10983 12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com