Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS10CP152Q Datasheet(PDF) 11 Page - Texas Instruments

Part # DS10CP152Q
Description  Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10CP152Q Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS10CP152Q_14 Datasheet HTML 7Page - Texas Instruments DS10CP152Q_14 Datasheet HTML 8Page - Texas Instruments DS10CP152Q_14 Datasheet HTML 9Page - Texas Instruments DS10CP152Q_14 Datasheet HTML 10Page - Texas Instruments DS10CP152Q_14 Datasheet HTML 11Page - Texas Instruments DS10CP152Q_14 Datasheet HTML 12Page - Texas Instruments DS10CP152Q_14 Datasheet HTML 13Page - Texas Instruments DS10CP152Q_14 Datasheet HTML 14Page - Texas Instruments DS10CP152Q_14 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
12-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
DS10CP152QMA/NOPB
ACTIVE
SOIC
D
16
250
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
DS10CP152
QMA
DS10CP152QMAX/NOPB
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
DS10CP152
QMA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - DS10CP152Q_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152QMA NSC-DS10CP152QMA Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA NSC-DS10CP152QMA Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMAX TI-DS10CP152QMAX Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results

Similar Description - DS10CP152Q_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_14 Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com