Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS10CP152Q Datasheet(PDF) 7 Page - Texas Instruments

Part # DS10CP152Q
Description  Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10CP152Q Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS10CP152Q Datasheet HTML 3Page - Texas Instruments DS10CP152Q Datasheet HTML 4Page - Texas Instruments DS10CP152Q Datasheet HTML 5Page - Texas Instruments DS10CP152Q Datasheet HTML 6Page - Texas Instruments DS10CP152Q Datasheet HTML 7Page - Texas Instruments DS10CP152Q Datasheet HTML 8Page - Texas Instruments DS10CP152Q Datasheet HTML 9Page - Texas Instruments DS10CP152Q Datasheet HTML 10Page - Texas Instruments DS10CP152Q Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
OUT+
OUT-
150-250:
100: Differential T-Line
LVDS
Receiver
IN+
IN-
100:
LVPECL
Driver
150-250:
OUT+
OUT-
50:
50:
VCC
CML3.3V or CML2.5V
Driver
100: Differential T-Line
DS10CP152
Receiver
IN+
IN-
100:
OUT+
OUT-
DS10CP152
Receiver
IN+
IN-
100: Differential T-Line
100:
LVDS
Driver
DS10CP152Q
www.ti.com
SNLS295E – MAY 2008 – REVISED APRIL 2013
INPUT INTERFACING
The DS10CP152Q accepts differential signals and allows simple AC or DC coupling. With a wide common mode
range, the DS10CP152Q can be DC-coupled with all common differential drivers (i.e. LVPECL, LVDS, CML).
The following three figures illustrate typical DC-coupled interface to common differential drivers. Note that the
DS10CP152Q inputs are internally terminated with a 100
Ω resistor.
Figure 6. Typical LVDS Driver DC-Coupled Interface to an DS10CP152Q Input
Figure 7. Typical CML Driver DC-Coupled Interface to an DS10CP152Q Input
Figure 8. Typical LVPECL Driver DC-Coupled Interface to an DS10CP152Q Input
OUTPUT INTERFACING
The DS10CP152Q outputs signals compliant to the LVDS standard. Its outputs can be DC-coupled to most
common differential receivers. The following figure illustrates typical DC-coupled interface to common differential
receivers and assumes that the receivers have high impedance inputs. While most differential receivers have a
common mode input range that can accomodate LVDS compliant signals, it is recommended to check respective
receiver's data sheet prior to implementing the suggested interface implementation.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS10CP152Q


Similar Part No. - DS10CP152Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152Q TI-DS10CP152Q Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152QMA NSC-DS10CP152QMA Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA NSC-DS10CP152QMA Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results

Similar Description - DS10CP152Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_14 Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com