Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS10CP152Q-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS10CP152Q-Q1
Description  Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS10CP152Q-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  DS10CP152Q-Q1 Datasheet HTML 1Page - Texas Instruments DS10CP152Q-Q1 Datasheet HTML 2Page - Texas Instruments DS10CP152Q-Q1 Datasheet HTML 3Page - Texas Instruments DS10CP152Q-Q1 Datasheet HTML 4Page - Texas Instruments DS10CP152Q-Q1 Datasheet HTML 5Page - Texas Instruments DS10CP152Q-Q1 Datasheet HTML 6Page - Texas Instruments DS10CP152Q-Q1 Datasheet HTML 7Page - Texas Instruments DS10CP152Q-Q1 Datasheet HTML 8Page - Texas Instruments DS10CP152Q-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DS10CP152Q
SNLS295E – MAY 2008 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)(2)(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
High Level Input Current
VIN = 3.6V
40
175
250
μA
VCC = 3.6V
IIL
Low Level Input Current
VIN = GND
±1
±10
μA
VCC = 3.6V
VCL
Input Clamp Voltage
ICL = −18 mA, VCC = 0V
−0.9
−1.5
V
LVDS INPUT DC SPECIFICATIONS
VID
Input Differential Voltage
0
1
V
VTH
Differential Input High Threshold
VCM = +0.05V or VCC-0.05V
0
+100
mV
VTL
Differential Input Low Threshold
−100
0
mV
VCMR
Common Mode Voltage Range
VID = 100 mV
0.05
VCC -
V
0.05
VIN = 3.6V or 0V
±1
±10
μA
IIN
Input Current
VCC = 3.6V or 0V
CIN
Input Capacitance
Any LVDS Input Pin to GND
1.7
pF
RIN
Input Termination Resistor
Between IN+ and IN-
100
Ω
LVDS OUTPUT DC SPECIFICATIONS
VOD
Differential Output Voltage
250
350
450
mV
RL = 100Ω
ΔVOD
Change in Magnitude of VOD for Complimentary
-35
35
mV
Output States
VOS
Offset Voltage
1.05
1.2
1.375
V
RL = 100Ω
ΔVOS
Change in Magnitude of VOS for Complimentary
-35
35
mV
Output States
IOS
Output Short Circuit Current (4)
OUT to GND
-23
-55
mA
OUT to VCC
8
55
mA
COUT
Output Capacitance
Any LVDS Output Pin to GND
1.2
pF
ROUT
Output Termination Resistor
Between OUT+ and OUT-
100
Ω
SUPPLY CURRENT
ICC
Supply Current
EN0 = EN1 = H
58
70
mA
ICCZ
Outputs Powered Down Supply Current
EN0 = EN1 = L
25
30
mA
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
AC Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT AC SPECIFICATIONS
tPLHD
Differential Propagation Delay Low to
440
650
ps
High
RL = 100Ω
tPHLD
Differential Propagation Delay High to
400
650
ps
Low
tSKD1
Pulse Skew |tPLHD − tPHLD|
40
120
ps
(4)
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
(3)
Specification is ensured by characterization and is not tested in production.
(4)
tSKD1, |tPLHD − tPHLD|, Pulse Skew, is the magnitude difference in differential propagation delay time between the positive going edge and
the negative going edge of the same channel.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS10CP152Q


Similar Part No. - DS10CP152Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152Q TI-DS10CP152Q Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152QMA NSC-DS10CP152QMA Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152QMA NSC-DS10CP152QMA Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results

Similar Description - DS10CP152Q-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
   Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
[Old version datasheet]   DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_14 Datasheet
818Kb / 15P
[Old version datasheet]   DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com