Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE350C Datasheet(PDF) 4 Page - SUNMATE electronic Co., LTD

Part # P6KE350C
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P6KE350C Datasheet(HTML) 4 Page - SUNMATE electronic Co., LTD

  P6KE350C Datasheet HTML 1Page - SUNMATE electronic Co., LTD P6KE350C Datasheet HTML 2Page - SUNMATE electronic Co., LTD P6KE350C Datasheet HTML 3Page - SUNMATE electronic Co., LTD P6KE350C Datasheet HTML 4Page - SUNMATE electronic Co., LTD P6KE350C Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
2.1
TYPE
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ I
T
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
(BI)
(UNI)
P6KE200
P6KE200C
162
180
220
1.0
287
5.0
P6KE200A
P6KE200CA
171
190
210
1.0
274
2.2
5.0
P6KE220
P6KE220C
175
198
242
1.0
344
1.7
5.0
P6KE220A
P6KE220CA
185
209
231
1.0
328
1.8
5.0
P6KE250
P6KE250C
202
225
275
1.0
360
1.7
5.0
P6KE250A
P6KE250CA
214
237
263
1.0
344
1.7
5.0
P6KE300
P6KE300C
243
270
330
1.0
430
1.4
5.0
P6KE300A
P6KE300CA
256
285
315
1.0
414
1.4
5.0
P6KE350
P6KE350C
284
315
385
1.0
504
1.2
5.0
P6KE350A
P6KE350CA
300
333
368
1.0
482
1.2
5.0
P6KE400
P6KE400C
324
360
440
1.0
574
1.0
5.0
P6KE400A
P6KE400CA
342
380
420
1.0
548
1.1
5.0
P6KE440
P6KE440C
356
396
484
1.0
631
0.95
5.0
P6KE440A
P6KE440CA
376
418
462
1.0
602
1.0
5.0
www.sunmate.tw


Similar Part No. - P6KE350C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE350C PANJIT-P6KE350C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE350C SOCAY-P6KE350C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
P6KE350C UNSEMI-P6KE350C Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Surge Components
P6KE350C SURGE-P6KE350C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
New Jersey Semi-Conduct...
P6KE350C NJSEMI-P6KE350C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
More results

Similar Description - P6KE350C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE12CA SUNMATE-P6KE12CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE13A SUNMATE-P6KE13A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE9.1CA SUNMATE-P6KE9.1CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com