Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE200CA Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # P6KE200CA
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

P6KE200CA Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  P6KE200CA Datasheet HTML 1Page - SUNMATE electronic Co., LTD P6KE200CA Datasheet HTML 2Page - SUNMATE electronic Co., LTD P6KE200CA Datasheet HTML 3Page - SUNMATE electronic Co., LTD P6KE200CA Datasheet HTML 4Page - SUNMATE electronic Co., LTD P6KE200CA Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
1000.0
TYPE
www.sunmate.tw
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ I
T
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
(BI)
(UNI)
P6KE6.8
P6KE6.8C
5.50
6.12
7.48
10.0
10.8
55.6
P6KE6.8A
P6KE6.8CA
5.80
6.45
7.25
10.0
10.5
57.1
1000.0
P6KE7.5
P6KE7.5C
6.05
6.75
8.25
10.0
11.7
51.3
500.0
P6KE7.5A
P6KE7.5CA
6.40
7.13
7.88
10.0
11.3
53.1
500.0
P6KE8.2
P6KE8.2C
6.63
7.38
9.02
10.0
12.5
48.0
200.0
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10.0
12.1
49.6
200.0
P6KE9.1
P6KE9.1C
7.37
8.19
10.0
1.0
13.8
43.5
50.0
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1.0
13.4
44.8
50.0
P6KE10
P6KE10C
8.10
9.00
11.0
1.0
15.0
40.0
10.0
P6KE10A
P6KE10CA
8.55
9.50
10.5
1.0
14.5
41.4
10.0
P6KE11
P6KE11C
8.92
9.90
12.1
1.0
16.2
37.0
5.0
P6KE11A
P6KE11CA
9.40
10.5
11.6
1.0
15.6
38.5
5.0
P6KE12
P6KE12C
9.72
10.8
13.2
1.0
17.3
34.7
5.0
P6KE12A
P6KE12CA
10.2
11.4
12.6
1.0
16.7
35.9
5.0
P6KE13
P6KE13C
10.5
11.7
14.3
1.0
19.0
31.6
5.0
P6KE13A
P6KE13CA
11.1
12.4
13.7
1.0
18.2
33.0
5.0
P6KE15
P6KE15C
12.1
13.5
16.5
1.0
22.0
27.3
5.0
P6KE15A
P6KE15CA
12.8
14.3
15.8
1.0
21.2
28.3
5.0
P6KE16
P6KE16C
12.9
14.4
17.6
1.0
23.5
25.5
5.0
P6KE16A
P6KE16CA
13.6
15.2
16.8
1.0
22.5
26.7
5.0
P6KE18
P6KE18C
14.5
16.2
19.8
1.0
26.5
22.6
5.0
P6KE18A
P6KE18CA
15.3
17.1
18.9
1.0
25.2
23.8
5.0
P6KE20
P6KE20C
16.2
18.0
22.0
1.0
29.1
20.6
5.0
P6KE20A
P6KE20CA
17.1
19.0
21.0
1.0
27.7
21.7
5.0
P6KE22
P6KE22C
17.8
19.8
24.2
1.0
31.9
18.8
5.0
P6KE22A
P6KE22CA
18.8
20.9
23.1
1.0
30.6
19.6
5.0
P6KE24
P6KE24C
19.4
21.6
26.4
1.0
34.7
17.3
5.0
P6KE24A
P6KE24CA
20.5
22.8
25.2
1.0
33.2
18.1
5.0
P6KE27
P6KE27C
21.8
24.3
29.7
1.0
39.1
15.3
5.0
P6KE27A
P6KE27CA
23.1
25.7
28.4
1.0
37.5
16.0
5.0
P6KE30
P6KE30C
24.3
27.0
33.0
1.0
43.5
13.8
5.0
P6KE30A
P6KE30CA
25.6
28.5
31.5
1.0
41.4
14.5
5.0
P6KE33
P6KE33C
26.8
29.7
36.3
1.0
47.7
12.6
5.0
P6KE33A
P6KE33CA
28.2
31.4
34.7
1.0
45.7
13.1
5.0
P6KE36
P6KE36C
29.1
32.4
39.6
1.0
52.0
11.5
5.0
P6KE36A
P6KE36CA
30.8
34.2
37.8
1.0
49.9
12.0
5.0


Similar Part No. - P6KE200CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE200CA PANJIT-P6KE200CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zowie Technology Corpor...
P6KE200CA ZOWIE-P6KE200CA Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
P6KE200CA DIODES-P6KE200CA Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
SeCoS Halbleitertechnol...
P6KE200CA SECOS-P6KE200CA Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
logo
Yea Shin Technology Co....
P6KE200CA YEASHIN-P6KE200CA Datasheet
1Mb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE200CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6KE9.1A SUNMATE-P6KE9.1A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE10A SUNMATE-P6KE10A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE16CA SUNMATE-P6KE16CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE18A SUNMATE-P6KE18A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE36CA SUNMATE-P6KE36CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE6.8A SUNMATE-P6KE6.8A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE15CA SUNMATE-P6KE15CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE13A SUNMATE-P6KE13A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE9.1CA SUNMATE-P6KE9.1CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
P6KE8.2CA SUNMATE-P6KE8.2CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com