Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS14C335 Datasheet(PDF) 8 Page - Texas Instruments

Part # DS14C335
Description  3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS14C335 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS14C335_15 Datasheet HTML 4Page - Texas Instruments DS14C335_15 Datasheet HTML 5Page - Texas Instruments DS14C335_15 Datasheet HTML 6Page - Texas Instruments DS14C335_15 Datasheet HTML 7Page - Texas Instruments DS14C335_15 Datasheet HTML 8Page - Texas Instruments DS14C335_15 Datasheet HTML 9Page - Texas Instruments DS14C335_15 Datasheet HTML 10Page - Texas Instruments DS14C335_15 Datasheet HTML 11Page - Texas Instruments DS14C335_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS14C335
SNLS090C – MARCH 2000 – REVISED APRIL 2013
www.ti.com
EXTERNAL DC-DC CONVERTOR COMPONENTS
The DS14C335 with it's unique DC-DC Convertor triples the power supply voltage (3.0V) to +9.3V and then
inverts it to a
−9V potential. This unique convertor ONLY requires 5 external surface mount 0.47 μF capacitors.
The five identical components were chosen to simplify PCB layout and the procurement of components. The
DS14C335's DC-DC Convertor also provides a larger signal swing (higher at RS-232 standard data rates) which
translates to more noise margin for the rejection of ground potential differences, induced noise, and crosstalk
compared to other DC-DC convertor schemes which only provide limited signal swing and limited noise margin.
DC-DC CONVERTOR CAPACITORS
The use of polarized capacitors is not required. However, if they are used, the polarity indicated in the
DS14C335 Functional Diagram must be honored for proper operation. Surface mount capacitors or ceramic
capacitors may be used, however, for optimal efficiency, capacitors with a low effective series resistance (ESR)
should be used. Values in the low Ohms(
Ω) is normally acceptable.
INTEROPERATION WITH +5V UARTS
The DS14C335 provides full RS-232 driver output levels and a single chip solution for the popular 9-pin defacto
serial port. This device may be used in either pure +3V applications or mixed power supplied +3V/+5V
applications. The Driver Input (DIN) and ShutDown (SD) input pins can directly accept full +5V levels without the
need for any external components. The Receiver Output (ROUT) is specified at 2.4V minimum while sourcing 1
mA. This level is compatible with standard TTL thresholds. For a complete discussion on “Interoperation of the
DS14C335 with +5V UARTs” please see TI Application Note AN-876 (SNLA163).
POWER DISSIPATION IN REAL RS-232 APPLICATIONS
The DS14C335 DC-DC Convertor uses special circuitry that helps limit the increase in power supply current as
frequency increases. A complete description of power dissipation and calculations for RS-232 applications can
be found in TI Application Note AN-914 (SNLA037) titled “Understanding Power Requirements in RS-232
Applications”. Typical performance curves are also located in this datasheet for quick reference.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: DS14C335


Similar Part No. - DS14C335_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C335MSA NSC-DS14C335MSA Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSA TI-DS14C335MSA Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
More results

Similar Description - DS14C335_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
[Old version datasheet]   DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
[Old version datasheet]   5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
   Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
[Old version datasheet]   DS14185 EIA/TIA-232 3 Driver x 5 Receiver
logo
National Semiconductor ...
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
   Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com