Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHS0048A Datasheet(PDF) 10 Page - Texas Instruments

Part # RHS0048A
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RHS0048A Datasheet(HTML) 10 Page - Texas Instruments

Back Button RHS0048A Datasheet HTML 6Page - Texas Instruments RHS0048A Datasheet HTML 7Page - Texas Instruments RHS0048A Datasheet HTML 8Page - Texas Instruments RHS0048A Datasheet HTML 9Page - Texas Instruments RHS0048A Datasheet HTML 10Page - Texas Instruments RHS0048A Datasheet HTML 11Page - Texas Instruments RHS0048A Datasheet HTML 12Page - Texas Instruments RHS0048A Datasheet HTML 13Page - Texas Instruments RHS0048A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
15MB200
R2
50:
R1
50:
50:
50:
LVPECL
VT
LVPECL
R2
150:
R1
150:
50:
50:
15MB200
0.1 PF
0.1 PF
DS15MB200
SNLS196E – NOVEMBER 2005 – REVISED MARCH 2013
www.ti.com
Figure 9. AC Coupled LVPECL to LVDS Interface
An AC coupled interface is preferred when transmitter and receiver ground references differ more than 1 V. This
is a likely scenario when transmitter and receiver devices are on separate PCBs. Figure 9 illustrates an AC
coupled interface between a LVPECL driver and LVDS receiver. R1 and R2, if not present in the driver device(2),
provide DC load for the emitter followers and may range between 140-220 ohms for most LVPECL devices for
this particular configuration. The DS15MB200 includes an internal 100 ohm resistor to terminate the transmission
line for minimal reflections. The signal after AC coupling capacitors will swing around a level set by internal
biasing resistors (i.e. fail-safe) which is either VDD/2 or 0 V depending on the actual failsafe implementation. If
internal biasing is not implemented, the signal common mode voltage will slowly wander to GND level.
Interfacing LVDS to LVPECL
An LVDS driver consists of a current source (nominal 3.5mA) which drives a CMOS differential pair. It needs a
differential resistive load in the range of 70 to 130 ohms to generate LVDS levels. In a system, the load should
be selected to match transmission line characteristic differential impedance so that the line is properly
terminated. The termination resistor should be placed as close to the receiver inputs as possible. When
interfacing an LVDS driver with a non-LVDS receiver, one only needs to bias the LVDS signal so that it is within
the common mode range of the receiver. This may be done by using separate biasing voltage which demands
another power supply. Some receivers have required biasing voltage available on-chip (VT, VTT or VBB).
Figure 10. DC Coupled LVDS to LVPECL Interface
Figure 10 illustrates interface between an LVDS driver and a LVPECL with a VT pin available. R1 and R2, if not
present in the receiver(2), provide proper resistive load for the driver and termination for the transmission line,
and VT sets desired bias for the receiver.
(2)
The bias networks shown above for LVPECL drivers and receivers may or may not be present within the driver device. The LVPECL
driver and receiver specification must be reviewed closely to ensure compatibility between the driver and receiver terminations and
common mode operating ranges.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS15MB200


Similar Part No. - RHS0048A

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RHS0E152MCN1GS NICHICON-RHS0E152MCN1GS Datasheet
1Mb / 2P
   FUNCTIONALA POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RHS0E152MCN1GS NICHICON-RHS0E152MCN1GS Datasheet
681Kb / 2P
   High Capacitance
RHS0E821MCN1GS NICHICON-RHS0E821MCN1GS Datasheet
1Mb / 2P
   FUNCTIONALA POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
RHS0E821MCN1GS NICHICON-RHS0E821MCN1GS Datasheet
681Kb / 2P
   High Capacitance
RHS0G122MCN1GS NICHICON-RHS0G122MCN1GS Datasheet
1Mb / 2P
   FUNCTIONALA POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - RHS0048A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com