Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25BR100 Datasheet(PDF) 10 Page - Texas Instruments

Part # DS25BR100
Description  3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR100 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS25BR100_15 Datasheet HTML 6Page - Texas Instruments DS25BR100_15 Datasheet HTML 7Page - Texas Instruments DS25BR100_15 Datasheet HTML 8Page - Texas Instruments DS25BR100_15 Datasheet HTML 9Page - Texas Instruments DS25BR100_15 Datasheet HTML 10Page - Texas Instruments DS25BR100_15 Datasheet HTML 11Page - Texas Instruments DS25BR100_15 Datasheet HTML 12Page - Texas Instruments DS25BR100_15 Datasheet HTML 13Page - Texas Instruments DS25BR100_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
50: MS
50: MS
50: MS
50: MS
L=1"
L=1"
L=1"
L=1"
100: Diff.
Stripline
50:
Microstrip
L=4"
L=4"
L=4"
L=4"
TEST
CHANNEL
CHARACTERIZATION
BOARD
DS25BR100
PATTERN
GENERATOR
OSCILLOSCOPE
50:
Microstrip
50:
Microstrip
50:
Microstrip
50:
Microstrip
L=4"
L=4"
L=4"
L=4"
TEST
CHANNEL
CHARACTERIZATION
BOARD
DS25BR100
PATTERN
GENERATOR
OSCILLOSCOPE
50:
Microstrip
50:
Microstrip
50:
Microstrip
TEST
CHANNEL
DS25BR100
SNLS217F – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Pre-Emphasis and Equalization Test Circuits
Figure 16. Pre-emphasis and Equalization Performance Test Circuit
NOTE
DS25BR101 requires external 100
Ω input termination.
Figure 17. Equalization Performance Test Circuit
NOTE
DS25BR101 requires external 100
Ω input termination.
Figure 18. Test Channel Description
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS25BR100


Similar Part No. - DS25BR100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25BR100_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR440 TI1-DS25BR440_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com