Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS16F95QML-SP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS16F95QML-SP
Description  EIA-485/EIA-422A Differential Bus Transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS16F95QML-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS16F95QML-SP Datasheet HTML 3Page - Texas Instruments DS16F95QML-SP Datasheet HTML 4Page - Texas Instruments DS16F95QML-SP Datasheet HTML 5Page - Texas Instruments DS16F95QML-SP Datasheet HTML 6Page - Texas Instruments DS16F95QML-SP Datasheet HTML 7Page - Texas Instruments DS16F95QML-SP Datasheet HTML 8Page - Texas Instruments DS16F95QML-SP Datasheet HTML 9Page - Texas Instruments DS16F95QML-SP Datasheet HTML 10Page - Texas Instruments DS16F95QML-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DS16F95QML
www.ti.com
SNOSAN0B – SEPTEMBER 2005 – REVISED APRIL 2013
DC - Receiver Electrical Characteristics
(1) (continued)
The following conditions apply to all parameters, unless otherwise specified. VCC = 5.5V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
IOS
Output Short Circuit
VIN = 1V, VOUT = 0V
-85
-15
mA
1, 2, 3
VCC = 4.5V, VO = 2.5V,
.2
V
1, 2, 3
VCM = 12V & 0V & -7V, IO = -.4mA
Differential Input High
VTH
Threshold
VCC = 5.5V, Vo = 2.5V,
.2
V
1, 2, 3
VCM = 12V & 0V & -7V, IO = -.4mA
VCC = 4.5V, VO = .5V,
-.2
V
1, 2, 3
VCM = 12V & 0V & -7V, IO = 8mA
Differential Input Low
VT1
Threshold
VCC = 5.5V, VO = .5V,
-.2
V
1, 2, 3
VCM = 12V & 0V & -7V, IO = 8mA
VTH+
VCC = 4.5V, VCM = 0V
35
mV
1, 2, 3
Hyteresis
- (VTH-)
VCC = 5.5V, VCM = 0V
35
mV
1, 2, 3
DC - Both Driver and Receiver Electrical Characteristics
(1)
The following conditions apply to all parameters, unless otherwise specified. VCC = 5.5V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
ICC
Supply Current ICC Both Disable
RE = 2V, DE = .8V
25
mA
1, 2, 3
ICC
Supply Current ICC Both Enable
RE =.8V, DE = 2V
28
mA
1, 2, 3
VIC
Input Clamp Volt
II = -18mA
-1.3
V
1, 2, 3
VIH
Logical "1" Input Voltage
2
V
1, 2, 3
VIL
Logical "0" Input Voltage
.8
V
1, 2, 3
VIH
Logical "1" Enable Input Voltage
2
V
1, 2, 3
VIL
Logical "0" Enable Input Voltage
.8
V
1, 2, 3
I IL
Logical "0" Input Current
VI = 0.4V
See(2)
-50
uA
1, 2, 3
(1)
Pre and post irradiation limits are identical to those listed under A C and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are ensured only for the conditions as specified in MIL-STD 883, Method 1019, condition A.
(2)
Negative sign of the limits indicates the direction of the current flow only.
AC - Driver Electrical Characteristics
(1)
The following conditions apply to all parameters, unless otherwise specified.
VCC = 5V, PRR = 1MHZ, TR ≤ TF ≤ 6nS, 50% duty cycle, AMP = 3V, VLO, ZOUT = 50Ω
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
tDD
Differential Output Delay Time
8
25
nS
9
RL = 60Ω
See(2)
(See Figure 6)
8
30
nS
10, 11
Differential Output Transition
8
25
nS
9
tTD
RL = 60Ω
See(2)(3)
Time (See Figure 6)
8
30
nS
10, 11
Propagation Delay Time Low to
6
18
nS
9
tPLH
RL = 27Ω
High (See Figure 7)
6
25
nS
10, 11
Propagation Delay Time high to
6
18
nS
9
tPHL
RL = 27Ω
Low (See Figure 7)
6
25
nS
10, 11
Output Enable Time to H
35
nS
9
tPZH
RL = 110Ω
(See Figure 8)
45
nS
10, 11
Output Enable Time to L
40
nS
9
tPZL
RL = 110Ω
(See Figure 9)
50
nS
10, 11
(1)
Pre and post irradiation limits are identical to those listed under A C and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are ensured only for the conditions as specified in MIL-STD 883, Method 1019, condition A.
(2)
Rise time 20% to 80%, Fall time 80% to 20%.
(3)
tTD = Non-inverting output rise time + inverting output fall time / 2, Non-inverting output fall time + inverting output rise time / 2.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS16F95QML


Similar Part No. - DS16F95QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
More results

Similar Description - DS16F95QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS16F95QML NSC-DS16F95QML Datasheet
745Kb / 16P
   EIA-485/EIA-422A Differential Bus Transceiver
DS16F95 NSC-DS16F95 Datasheet
274Kb / 14P
   EIA-485/EIA-422A Differential Bus Transceiver
logo
Texas Instruments
DS16F95 TI1-DS16F95_16 Datasheet
309Kb / 16P
[Old version datasheet]   DS16F95, DS36F95 EIA-485/EIA-422A Differential Bus Transceiver
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com