Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV594VFP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV594VFP
Description  3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV594VFP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV594VFP Datasheet HTML 3Page - Texas Instruments DRV594VFP Datasheet HTML 4Page - Texas Instruments DRV594VFP Datasheet HTML 5Page - Texas Instruments DRV594VFP Datasheet HTML 6Page - Texas Instruments DRV594VFP Datasheet HTML 7Page - Texas Instruments DRV594VFP Datasheet HTML 8Page - Texas Instruments DRV594VFP Datasheet HTML 9Page - Texas Instruments DRV594VFP Datasheet HTML 10Page - Texas Instruments DRV594VFP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Total
−40
−15
10
35
60
85
Low Side
High Side
VDD = 5 V
IO = 1 A
VFP Package
TA − Free-Air Temperature − °C
0
50
100
150
200
250
300
0
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Total
Low Side
High Side
IO = 1 A
TA = 25°C
VDD − Supply Voltage − V
0
50
100
150
200
250
300
−40
−15
10
35
60
85
Total
Low Side
High Side
VDD = 3.3 V
IO = 1 A
VFP Package
TA − Free-Air Temperature − °C
0
1
2
3
4
5
6
7
8
9
10
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDD − Supply Voltage − V
No Load
DRV593
DRV594
www.ti.com
SLOS401C – OCTOBER 2002 – REVISED JULY 2010
DRAIN-SOURCE ON-STATE RESISTANCE
DRAIN-SOURCE ON-STATE RESISTANCE
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 4.
Figure 5.
DRAIN-SOURCE ON-STATE RESISTANCE
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 6.
Figure 7.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV593 DRV594


Similar Part No. - DRV594VFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV594VFP TI-DRV594VFP Datasheet
185Kb / 22P
[Old version datasheet]   3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV594VFPR TI-DRV594VFPR Datasheet
185Kb / 22P
[Old version datasheet]   3−A HIGH−EFFICIENCY PWM POWER DRIVER
More results

Similar Description - DRV594VFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI-DRV591 Datasheet
141Kb / 16P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI-DRV593 Datasheet
185Kb / 22P
[Old version datasheet]   3−A HIGH−EFFICIENCY PWM POWER DRIVER
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523 Datasheet
302Kb / 14P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Stepdown Converter
August, 2006 ??Rev. 0
logo
Texas Instruments
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
[Old version datasheet]   1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV595 TI-DRV595 Datasheet
995Kb / 24P
[Old version datasheet]   15V/짹3A High-Efficiency PWM Power Driver
DRV590 TI-DRV590 Datasheet
237Kb / 16P
[Old version datasheet]   1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
   High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
ON Semiconductor
NCP1523 ONSEMI-NCP1523_07 Datasheet
261Kb / 16P
   3 MHz, 600 mA, High?묮fficiency, Adjustable Output Voltage Step?뭗own Converter
February, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com