Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25BR440 Datasheet(PDF) 7 Page - Texas Instruments

Part # DS25BR440
Description  3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25BR440 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS25BR440_15 Datasheet HTML 3Page - Texas Instruments DS25BR440_15 Datasheet HTML 4Page - Texas Instruments DS25BR440_15 Datasheet HTML 5Page - Texas Instruments DS25BR440_15 Datasheet HTML 6Page - Texas Instruments DS25BR440_15 Datasheet HTML 7Page - Texas Instruments DS25BR440_15 Datasheet HTML 8Page - Texas Instruments DS25BR440_15 Datasheet HTML 9Page - Texas Instruments DS25BR440_15 Datasheet HTML 10Page - Texas Instruments DS25BR440_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DS25BR440
www.ti.com
SNLS258B – FEBRUARY 2008 – REVISED MARCH 2013
AC Electrical Characteristics
(1) (2) (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tDJ1BD
Deterministic Jitter (Peak to Peak)
VID = 350 mV
2.5 Gbps
11
23
ps
Input Test Channel D
VCM = 1.2V
tDJ2BD
Output Test Channel B
K28.5 (NRZ)
3.125 Gbps
5
24
ps
(13)
tTJ1BD
Total Jitter (Peak to Peak)
VID = 350 mV
2.5 Gbps
0.08
0.14
UIP-P
Input Test Channel D
VCM = 1.2V
tTJ2BD
Output Test Channel B
PRBS-23 (NRZ)
3.125 Gbps
0.10
0.20
UIP-P
(10)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS25BR440


Similar Part No. - DS25BR440_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR440TSQ NSC-DS25BR440TSQ Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25BR440_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR204 NSC-DS25BR204_08 Datasheet
353Kb / 16P
   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com